Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

G35 Datasheet(PDF) 64 Page - Intel Corporation

Part # G35
Description  Express Chipset
PDF  351 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

G35 Datasheet(HTML) 64 Page - Intel Corporation

Back Button G35 Datasheet HTML 60Page - Intel Corporation G35 Datasheet HTML 61Page - Intel Corporation G35 Datasheet HTML 62Page - Intel Corporation G35 Datasheet HTML 63Page - Intel Corporation G35 Datasheet HTML 64Page - Intel Corporation G35 Datasheet HTML 65Page - Intel Corporation G35 Datasheet HTML 66Page - Intel Corporation G35 Datasheet HTML 67Page - Intel Corporation G35 Datasheet HTML 68Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 351 page
background image
System Address Map
64
Datasheet
3.11.1
Legacy VGA and I/O Range Decode Rules
The legacy 128 KB VGA memory range 000A_0000h-000B_FFFFh can be mapped to
IGD (Device 2), to PCI Express (Device 1), and/or to the DMI Interface depending on
the programming of the VGA steering bits. Priority for VGA mapping is constant in that
the GMCH always decodes internally mapped devices first. Internal to the GMCH,
decode precedence is always given to IGD. The GMCH always positively decodes
internally mapped devices, namely the IGD and PCI-Express. Subsequent decoding of
regions mapped to PCI Express or the DMI Interface depends on the Legacy VGA
configurations bits (VGA Enable and MDAP).
§



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com