Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VNP5N07FI Datasheet(PDF) 6 Page - STMicroelectronics

Part # VNP5N07FI
Description  OMNIFET IIfully autoprotected Power MOSFET
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VNP5N07FI Datasheet(HTML) 6 Page - STMicroelectronics

Back Button VNP5N07FI Datasheet HTML 2Page - STMicroelectronics VNP5N07FI Datasheet HTML 3Page - STMicroelectronics VNP5N07FI Datasheet HTML 4Page - STMicroelectronics VNP5N07FI Datasheet HTML 5Page - STMicroelectronics VNP5N07FI Datasheet HTML 6Page - STMicroelectronics VNP5N07FI Datasheet HTML 7Page - STMicroelectronics VNP5N07FI Datasheet HTML 8Page - STMicroelectronics VNP5N07FI Datasheet HTML 9Page - STMicroelectronics VNP5N07FI Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 24 page
background image
Electrical specifications
VND5N07
6/24
2
Electrical specifications
2.1
Absolute maximum ratings
Stressing the device above the rating listed in the “Absolute maximum ratings” table may
cause permanent damage to the device. These are stress ratings only and operation of the
device at these or any other conditions above those indicated in the operating sections of
this specification is not implied. Exposure to Absolute maximum rating conditions for
extended periods may affect device reliability. Refer also to the STMicroelectronics SURE
program and other relevant quality document.
2.2
Thermal data
Table 2.
Absolute maximum ratings
Symbol
Parameter
Value
Unit
DPAK / IPAK
ISOWATT220
SOT-82FM
VDSn
Drain-Source voltage (VINn = 0V)
Internally clamped
V
VINn
Input voltage
18
V
IDn
Drain current
Internally limited
A
IRn
Reverse DC output current
-7
A
VESD
Electrostatic discharge (R = 1.5K
Ω,
C = 100pF)
2000
V
Ptot
Total dissipation at Tc = 25°C
60
24
9
W
Tj
Operating junction temperature
Internally limited
°C
Tc
Case operating temperature
Internally limited
°C
Tstg
Storage temperature
-55 to 150
°C
Table 3.
Thermal data
Symbol
Parameter
Max. value
Unit
DPAK / IPAK ISOWATT220
SOT-82FM
Rthj-case
Thermal resistance junction-case
3.75
5.2
14
°C/W
Rthj-amb
Thermal resistance junction-ambient
100
62.5
100
°C/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com