Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VNP5N07FI Datasheet(PDF) 17 Page - STMicroelectronics

Part # VNP5N07FI
Description  OMNIFET IIfully autoprotected Power MOSFET
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VNP5N07FI Datasheet(HTML) 17 Page - STMicroelectronics

Back Button VNP5N07FI Datasheet HTML 13Page - STMicroelectronics VNP5N07FI Datasheet HTML 14Page - STMicroelectronics VNP5N07FI Datasheet HTML 15Page - STMicroelectronics VNP5N07FI Datasheet HTML 16Page - STMicroelectronics VNP5N07FI Datasheet HTML 17Page - STMicroelectronics VNP5N07FI Datasheet HTML 18Page - STMicroelectronics VNP5N07FI Datasheet HTML 19Page - STMicroelectronics VNP5N07FI Datasheet HTML 20Page - STMicroelectronics VNP5N07FI Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 24 page
background image
VND5N07
Protection features
17/24
3
Protection features
During normal operation, the INPUT pin is electrically connected to the gate of the internal
power MOSFET.
The device then behaves like a standard power MOSFET and can be used as a switch from
DC to 50KHz. The only difference from the user’s standpoint is that a small DC current IISS
flows into the INPUT pin in order to supply the internal circuitry.
The device integrates:
3.1
Overvoltage clamp protection
Internally set at 70V, along with the rugged avalanche characteristics of the Power MOSFET
stage give this device unrivalled ruggedness and energy handling capability. This feature is
mainly important when driving inductive loads.
3.2
Linear current limiter circuit
Limits the drain current ID to Ilim whatever the INPUT pin voltages. When the current limiter
is active, the device operates in the linear region, so power dissipation may exceed the
capability of the heatsink. Both case and junction temperatures increase, and if this phase
lasts long enough, junction temperature may reach the overtemperature threshold Tjsh.
3.3
Overtemperature and short circuit protection
These are based on sensing the chip temperature and are not dependent on the input
voltage. The location of the sensing element on the chip in the power stage area ensures
fast, accurate detection of the junction temperature. Overtemperature cutout occurs at
minimum 150 °C. The device is automatically restarted when the chip temperature falls
below 135 °C .
3.4
Status feedback
In the case of an overtemperature fault condition, a Status Feedback is provided through the
Input pin. The internal protection circuit disconnects the input from the gate and connects it
instead to ground via an equivalent resistance of 100
Ω. The failure can be detected by
monitoring the voltage at the Input pin, which will be close to ground potential.
Additional features of this device are ESD protection according to the Human Body model
and the ability to be driven from a TTL Logic circuit (with a small increase in RDS(on)).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com