Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD9276-65EBZ Datasheet(PDF) 7 Page - Analog Devices

Part # AD9276-65EBZ
Description  Octal LNA/VGA/AAF/12-Bit ADC and CW I/Q Demodulator
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9276-65EBZ Datasheet(HTML) 7 Page - Analog Devices

Back Button AD9276-65EBZ Datasheet HTML 3Page - Analog Devices AD9276-65EBZ Datasheet HTML 4Page - Analog Devices AD9276-65EBZ Datasheet HTML 5Page - Analog Devices AD9276-65EBZ Datasheet HTML 6Page - Analog Devices AD9276-65EBZ Datasheet HTML 7Page - Analog Devices AD9276-65EBZ Datasheet HTML 8Page - Analog Devices AD9276-65EBZ Datasheet HTML 9Page - Analog Devices AD9276-65EBZ Datasheet HTML 10Page - Analog Devices AD9276-65EBZ Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 48 page
background image
AD9276
Rev. 0 | Page 7 of 48
DIGITAL SPECIFICATIONS
AVDD1 = 1.8 V, AVDD2 = 3.0 V, DRVDD = 1.8 V, 1.0 V internal ADC reference, fIN = 5 MHz, full temperature, unless otherwise noted.
Table 2.
Parameter1
Temperature
Min
Typ
Max
Unit
CLOCK INPUTS (CLK+, CLK−)
Logic Compliance
CMOS/LVDS/LVPECL
Differential Input Voltage2
Full
250
mV p-p
Input Common-Mode Voltage
Full
1.2
V
Input Resistance (Differential)
25°C
20
kΩ
Input Capacitance
25°C
1.5
pF
CW 4LO INPUTS (4LO+, 4LO−)
Logic Compliance
CMOS/LVDS/LVPECL
Differential Input Voltage2
Full
250
mV p-p
Input Common-Mode Voltage
Full
1.2
V
Input Resistance (Differential)
25°C
20
kΩ
Input Capacitance
25°C
1.5
pF
LOGIC INPUTS (PDWN, STBY, SCLK, RESET)
Logic 1 Voltage
Full
1.2
3.6
V
Logic 0 Voltage
Full
0.3
V
Input Resistance
25°C
30
kΩ
Input Capacitance
25°C
0.5
pF
LOGIC INPUT (CSB)
Logic 1 Voltage
Full
1.2
3.6
V
Logic 0 Voltage
Full
0.3
V
Input Resistance
25°C
70
kΩ
Input Capacitance
25°C
0.5
pF
LOGIC INPUT (SDIO)
Logic 1 Voltage
Full
1.2
DRVDD + 0.3
V
Logic 0 Voltage
Full
0
0.3
V
Input Resistance
25°C
30
kΩ
Input Capacitance
25°C
2
pF
LOGIC OUTPUT (SDIO)3
Logic 1 Voltage (IOH = 800 μA)
Full
1.79
V
Logic 0 Voltage (IOL = 50 μA)
Full
0.05
V
DIGITAL OUTPUTS (DOUTx+, DOUTx−), (ANSI-644)1
Logic Compliance
LVDS
Differential Output Voltage (VOD)
Full
247
454
mV
Output Offset Voltage (VOS)
Full
1.125
1.375
V
Output Coding (Default)
Offset binary
DIGITAL OUTPUTS (DOUTx+, DOUTx−),
(LOW POWER, REDUCED SIGNAL OPTION)1
Logic Compliance
LVDS
Differential Output Voltage (VOD)
Full
150
250
mV
Output Offset Voltage (VOS)
Full
1.10
1.30
V
Output Coding (Default)
Offset binary
LOGIC OUTPUTS (GPO0, GPO1, GPO2, GPO3)
Logic 0 Voltage (IOL = 50 μA)
Full
0.05
V
1 See the AN-835 Application Note, Understanding High Speed ADC Testing and Evaluation, for a complete set of definitions and information about how these tests were
completed.
2 Specified for LVDS and LVPECL only.
3 Specified for 13 SDIO pins sharing the same connection.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com