| Electronic Components Datasheet Search |
|
AD9276-65EBZ Datasheet(PDF) 21 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
AD9276-65EBZ Datasheet(HTML) 21 Page - Analog Devices |
|
21 / 48 page ![]() AD9276 Rev. 0 | Page 21 of 48 THEORY OF OPERATION ULTRASOUND The primary application for the AD9276 is medical ultrasound. Figure 45 shows a simplified block diagram of an ultrasound system. A critical function of an ultrasound system is the time gain control (TGC) compensation for physiological signal attenuation. Because the attenuation of ultrasound signals is exponential with respect to distance (time), a linear-in-dB VGA is the optimal solution. Key requirements in an ultrasound signal chain are very low noise, active input termination, fast overload recovery, low power, and differential drive to an ADC. Because ultrasound machines use beamforming techniques requiring large binary-weighted numbers of channels (for example, 32 to 512), using the lowest power at the lowest possible noise is of chief importance. Most modern ultrasound machines use digital beamforming. In this technique, the signal is converted to digital format immediately following the TGC amplifier, and then beam- forming is accomplished digitally. The ADC resolution of 12 bits with up to 80 MSPS sampling satisfies the requirements of both general-purpose and high end systems. Power conservation and low cost are two of the most important factors in low end and portable ultrasound machines, and the AD9276 is designed to meet these criteria. For additional information regarding ultrasound systems, refer to “How Ultrasound System Considerations Influence Front-End Component Choice,” Analog Dialogue, Volume 36, Number 3, May–July 2002, and “The AD9271—A Revolutionary Solution for Portable Ultrasound,” Analog Dialogue, Volume 41, Number 7, July 2007. BEAMFORMER CENTRAL CONTROL Rx BEAMFORMER (B AND F MODES) COLOR DOPPLER (PW) PROCESSING (F MODE) IMAGE AND MOTION PROCESSING (B MODE) SPECTRAL DOPPLER PROCESSING MODE DISPLAY AUDIO OUTPUT Tx BEAMFORMER CW (ANALOG) BEAMFORMER TRANSDUCER ARRAY 128, 256, ETC., ELEMENTS BIDIRECTIONAL CABLE HV MUX/ DEMUX T/R SWITCHES Tx HV AMPLIFIERS MULTICHANNELS AAF VGA LNA ADC Figure 45. Simplified Ultrasound System Block Diagram |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |