Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD9552 Datasheet(PDF) 25 Page - Analog Devices

Part # AD9552
Description  Oscillator Frequency Upconverter
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9552 Datasheet(HTML) 25 Page - Analog Devices

Back Button AD9552 Datasheet HTML 21Page - Analog Devices AD9552 Datasheet HTML 22Page - Analog Devices AD9552 Datasheet HTML 23Page - Analog Devices AD9552 Datasheet HTML 24Page - Analog Devices AD9552 Datasheet HTML 25Page - Analog Devices AD9552 Datasheet HTML 26Page - Analog Devices AD9552 Datasheet HTML 27Page - Analog Devices AD9552 Datasheet HTML 28Page - Analog Devices AD9552 Datasheet HTML 29Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 32 page
background image
AD9552
Rev. C | Page 25 of 32
PLL Charge Pump and PFD Control (Register 0x0A to Register 0x0D)
Table 19.
Address
Bit
Bit Name
Description
0x0A
[7:0]
Charge pump current control
These bits set the magnitude of the PLL charge pump current. The granularity is
~3.5 μA with a full-scale magnitude of ~900 μA. Register 0x0A is ineffective unless
Register 0x0B[7] = 1. Default is 0x80, or ~448 μA.
0x0B
7
Enable SPI control of charge
pump current
Controls functionality of Register 0x0A.
0 = the device automatically controls the charge pump current (default).
1 = charge pump current defined by Register 0x0A.
6
Enable SPI control of
antibacklash period
Controls functionality of Register 0x0D[7:6].
0 = the device automatically controls the antibacklash period (default).
1 = antibacklash period defined by Register 0x0D[7:6].
[5:4]
CP mode
Controls the mode of the PLL charge pump.
00 = tristate.
01 = pump up.
10 = pump down.
11 = normal (default).
3
Enable CP mode control
Controls functionality of Bits[5:4] (CP mode).
0 = the device automatically controls the charge pump mode (default).
1 = charge pump mode is defined by Bits[5:4].
2
PFD feedback input edge control
Selects the polarity of the active edge of the PLL’s feedback input.
0 = positive edge (default).
1 = negative edge.
1
PFD reference input edge control
Selects the polarity of the active edge of the PLL’s reference input.
0 = positive edge (default).
1 = negative edge.
0
Force VCO to midpoint frequency
Selects VCO control voltage functionality.
0 = normal VCO operation (default).
1 = force VCO control voltage to midscale.
0x0C
7
Unused
Unused.
6
CP offset current polarity
Selects the polarity of the charge pump offset current of the PLL. This bit is ineffective
unless Bit 3 = 1.
0 = pump up (default).
1 = pump down.
[5:4]
CP offset current
Controls the magnitude of the charge pump offset current of the PLL as a fraction of
the value in Register 0x0A. This bit is ineffective unless Bit 3 = 1.
00 = 1/2 (default).
01 = 1/4.
10 = 1/8.
11 = 1/16.
3
Enable CP offset current control
Controls functionality of Bits[6:4].
0 = the device automatically controls charge pump offset current (default).
1 = charge pump offset current defined by Bits[6:4].
2:0
Reserved
0x0D
[7:6]
Antibacklash control
Controls the PFD antibacklash period of the PLL. These bits are ineffective unless
Register 0x0B[6] = 1.
00 = minimum (default).
01 = low.
10 = high.
11 = maximum.
[5:1]
Unused
Unused.
0
PLL lock detector power-down
Controls power-down of the PLL lock detector.
0 = lock detector active (default).
1 = lock detector powered down.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com