Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD9552 Datasheet(PDF) 28 Page - Analog Devices

Part # AD9552
Description  Oscillator Frequency Upconverter
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9552 Datasheet(HTML) 28 Page - Analog Devices

Back Button AD9552 Datasheet HTML 24Page - Analog Devices AD9552 Datasheet HTML 25Page - Analog Devices AD9552 Datasheet HTML 26Page - Analog Devices AD9552 Datasheet HTML 27Page - Analog Devices AD9552 Datasheet HTML 28Page - Analog Devices AD9552 Datasheet HTML 29Page - Analog Devices AD9552 Datasheet HTML 30Page - Analog Devices AD9552 Datasheet HTML 31Page - Analog Devices AD9552 Datasheet HTML 32Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 28 / 32 page
background image
AD9552
Rev. C | Page 28 of 32
OUT1 Driver Control (Register 0x32)
Table 24.
Address
Bit
Bit Name
Description
0x32
7
OUT1 drive strength
Controls the output drive capability of the OUT1 driver.
0 = weak.
1 = strong (default).
6
OUT1 power-down
Controls power-down functionality of the OUT1 driver.
0 = OUT1 active (default).
1 = OUT1 powered down.
[5:3]
OUT1 mode control
OUT1 driver mode selection.
000 = CMOS, both pins active.
001 = CMOS, positive pin active, negative pin tristate.
010 = CMOS, positive pin tristate, negative pin active.
011 = CMOS, both pins tristate.
100 = LVDS.
101 = LVPECL (default).
110 = not used.
111 = not used.
[2:1]
OUT1 CMOS polarity
Selects the polarity of the OUT1 pins in CMOS mode.
00 = positive pin logic is true = 1, false = 0/negative pin logic is true = 0, false = 1 (default).
01 = positive pin logic is true = 1, false = 0/negative pin logic is true = 1, false = 0.
10 = positive pin logic is true = 0, false = 1/negative pin logic is true = 0, false = 1.
11 = positive pin logic is true = 0, false = 1/negative pin logic is true = 1, false = 0.
These bits are ineffective unless Bits[5:3] select CMOS mode.
0
Enable SPI control of OUT1
driver control
Controls OUT1 driver functionality.
0 = OUT1 is LVDS or LVPECL, per the OUTSEL pin (Pin 15) (default).
1 = OUT1 functionality defined by Bits[7:1].
Select OUT2 Source Control (Register 0x33)
Table 25.
Address
Bit
Bit Name
Description
0x33
[7:4]
Unused
Unused.
3
OUT2 source
Selects the signal source for OUT2.
0 = source for OUT2 is the output of the P1 divider (default).
1 = source for OUT2 is the input reference (REF or XTAL).
[2:0]
Unused
Unused.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com