Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M40SZ100Y Datasheet(PDF) 8 Page - STMicroelectronics

Part # M40SZ100Y
Description  5 V or 3 V NVRAM supervisor for LPSRAM
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M40SZ100Y Datasheet(HTML) 8 Page - STMicroelectronics

Back Button M40SZ100Y Datasheet HTML 4Page - STMicroelectronics M40SZ100Y Datasheet HTML 5Page - STMicroelectronics M40SZ100Y Datasheet HTML 6Page - STMicroelectronics M40SZ100Y Datasheet HTML 7Page - STMicroelectronics M40SZ100Y Datasheet HTML 8Page - STMicroelectronics M40SZ100Y Datasheet HTML 9Page - STMicroelectronics M40SZ100Y Datasheet HTML 10Page - STMicroelectronics M40SZ100Y Datasheet HTML 11Page - STMicroelectronics M40SZ100Y Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 24 page
background image
Description
M40SZ100Y, M40SZ100W
8/24
Doc ID 7528 Rev 3
Figure 5.
Hardware hookup
1.
User supplied for the 16-pin package
AI04767
VCC
E
ECON
VSS
VOUT
VCC
1Mb or 4Mb
LPSRAM
3.0V, 3.3V or 5V
PFI
0.1µF
0.1µF
M40SZ100Y
M40SZ100W
E
PFO
RST
BL
To Microprocessor Reset
To Battery Monitor Circuit
Unregulated
Voltage
Regulator
VCC
VIN
R1
R2
From Microprocessor
RSTIN
VBAT
(1)
To Microprocessor NMI



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com