Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M40SZ100Y Datasheet(PDF) 1 Page - STMicroelectronics

Part # M40SZ100Y
Description  5 V or 3 V NVRAM supervisor for LPSRAM
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M40SZ100Y Datasheet(HTML) 1 Page - STMicroelectronics

  M40SZ100Y Datasheet HTML 1Page - STMicroelectronics M40SZ100Y Datasheet HTML 2Page - STMicroelectronics M40SZ100Y Datasheet HTML 3Page - STMicroelectronics M40SZ100Y Datasheet HTML 4Page - STMicroelectronics M40SZ100Y Datasheet HTML 5Page - STMicroelectronics M40SZ100Y Datasheet HTML 6Page - STMicroelectronics M40SZ100Y Datasheet HTML 7Page - STMicroelectronics M40SZ100Y Datasheet HTML 8Page - STMicroelectronics M40SZ100Y Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
October 2010
Doc ID 7528 Rev 3
1/24
1
M40SZ100Y
M40SZ100W
5 V or 3 V NVRAM supervisor for LPSRAM
Features
■ Convert low power SRAMs into NVRAMs
■ 5 V or 3 V operating voltage
■ Precision power monitoring and power
switching circuitry
■ Automatic write-protection when VCC is out-of-
tolerance
■ Choice of supply voltages and power-fail
deselect voltages:
– M40SZ100Y: VCC = 4.5 to 5.5 V;
4.20 V
≤ VPFD ≤ 4.50 V
(contact local ST sales office for
availability)
– M40SZ100W: VCC = 2.7 to 3.6 V;
2.55 V
≤ VPFD ≤ 2.70 V
■ Reset output (RST) for power on reset
■ 1.25 V reference (for PFI/PFO)
■ Less than 10 ns chip enable access
propagation delay (at 5 V)
■ Optional packaging includes a 28-lead SOIC
and SNAPHAT® top (to be ordered separately)
■ 28-lead SOIC package provides direct
connection for a SNAPHAT top which contains
the battery (contact local ST sales office for
availability)
■ Battery low pin (BL)
■ RoHS compliant
– Lead-free second level interconnect
16
1
28
1
SO16 (MQ)
SNAPHAT (SH) battery
SOH28 (MH)
www.st.com


Similar Part No. - M40SZ100Y

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M40SZ100Y STMICROELECTRONICS-M40SZ100Y Datasheet
285Kb / 19P
5V or 3V NVRAM SUPERVISOR FOR LPSRAM
Rev. 1.3
M40SZ100Y STMICROELECTRONICS-M40SZ100Y Datasheet
230Kb / 25P
5V or 3V NVRAM supervisor for LPSRAM
20-Nov-2007
M40SZ100YMH STMICROELECTRONICS-M40SZ100YMH Datasheet
285Kb / 19P
5V or 3V NVRAM SUPERVISOR FOR LPSRAM
Rev. 1.3
M40SZ100YMH6 STMICROELECTRONICS-M40SZ100YMH6 Datasheet
285Kb / 19P
5V or 3V NVRAM SUPERVISOR FOR LPSRAM
Rev. 1.3
M40SZ100YMH6TR STMICROELECTRONICS-M40SZ100YMH6TR Datasheet
285Kb / 19P
5V or 3V NVRAM SUPERVISOR FOR LPSRAM
Rev. 1.3
More results

Similar Description - M40SZ100Y

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M40SZ100Y STMICROELECTRONICS-M40SZ100Y Datasheet
285Kb / 19P
5V or 3V NVRAM SUPERVISOR FOR LPSRAM
Rev. 1.3
M40Z111 STMICROELECTRONICS-M40Z111 Datasheet
107Kb / 15P
5V OR 3V NVRAM SUPERVISOR FOR UP TO TWO LPSRAMs
13-May-2002
M40SZ100Y STMICROELECTRONICS-M40SZ100Y_07 Datasheet
230Kb / 25P
5V or 3V NVRAM supervisor for LPSRAM
20-Nov-2007
M40Z300 STMICROELECTRONICS-M40Z300_07 Datasheet
221Kb / 25P
5V or 3V NVRAM supervisor for up to 8 LPSRAMs
05-Nov-2007
M40Z300 STMICROELECTRONICS-M40Z300_10 Datasheet
431Kb / 25P
5 V or 3 V NVRAM supervisor for up to 8 LPSRAMs
19-Oct-2010
STM706T STMICROELECTRONICS-STM706T_10 Datasheet
701Kb / 33P
3 V supervisor
06-Aug-2010
STM705 STMICROELECTRONICS-STM705_10 Datasheet
838Kb / 32P
5 V supervisor
06-Aug-2010
M41ST85W STMICROELECTRONICS-M41ST85W_11 Datasheet
450Kb / 43P
3.0/3.3 V I2C combination serial RTC, NVRAM supervisor and microprocessor supervisor
03-Oct-2011
STM706PAM6F STMICROELECTRONICS-STM706PAM6F Datasheet
706Kb / 32P
3 V supervisor
21-Aug-2012
STM706TAM6F STMICROELECTRONICS-STM706TAM6F Datasheet
706Kb / 32P
3 V supervisor
21-Aug-2012
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com