Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PSD8XXFX Datasheet(PDF) 25 Page - STMicroelectronics

Part # PSD8XXFX
Description  Flash in-system programmable (ISP) peripherals for 8-bit MCUs, 5 V
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PSD8XXFX Datasheet(HTML) 25 Page - STMicroelectronics

Back Button PSD8XXFX Datasheet HTML 21Page - STMicroelectronics PSD8XXFX Datasheet HTML 22Page - STMicroelectronics PSD8XXFX Datasheet HTML 23Page - STMicroelectronics PSD8XXFX Datasheet HTML 24Page - STMicroelectronics PSD8XXFX Datasheet HTML 25Page - STMicroelectronics PSD8XXFX Datasheet HTML 26Page - STMicroelectronics PSD8XXFX Datasheet HTML 27Page - STMicroelectronics PSD8XXFX Datasheet HTML 28Page - STMicroelectronics PSD8XXFX Datasheet HTML 29Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 128 page
background image
PSD8XXFX
PSD register description and address offset
Doc ID 7833 Rev 7
25/128
Mask
macrocells
AB
22
22
Blocks writing to the Output macrocells
AB
Mask
macrocells
BC
23
23
Blocks writing to the Output macrocells
BC
Primary Flash
Protection
C0
Read only – Primary Flash Sector
Protection
Secondary
Flash memory
Protection
C2
Read only – PSD Security and Secondary
Flash memory Sector Protection
JTAG Enable
C7
Enables JTAG port
PMMR0
B0
Power Management register 0
PMMR2
B4
Power Management register 2
Page
E0
Page register
VM
E2
Places PSD memory areas in program
and/or data space on an individual basis.
1.
Other registers that are not part of the I/O ports.
Table 8.
Register address offset (continued)
Register
name
Port A Port B Port C Port D
Other
(1)
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com