Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PSD8XXFX Datasheet(PDF) 44 Page - STMicroelectronics

Part # PSD8XXFX
Description  Flash in-system programmable (ISP) peripherals for 8-bit MCUs, 5 V
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PSD8XXFX Datasheet(HTML) 44 Page - STMicroelectronics

Back Button PSD8XXFX Datasheet HTML 40Page - STMicroelectronics PSD8XXFX Datasheet HTML 41Page - STMicroelectronics PSD8XXFX Datasheet HTML 42Page - STMicroelectronics PSD8XXFX Datasheet HTML 43Page - STMicroelectronics PSD8XXFX Datasheet HTML 44Page - STMicroelectronics PSD8XXFX Datasheet HTML 45Page - STMicroelectronics PSD8XXFX Datasheet HTML 46Page - STMicroelectronics PSD8XXFX Datasheet HTML 47Page - STMicroelectronics PSD8XXFX Datasheet HTML 48Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 128 page
background image
Sector Select and SRAM Select
PSD8XXFX
44/128
Doc ID 7833 Rev 7
PSDsoft Express Configuration to configure it for Boot-up and having the MCU change it
when desired. Table 14 describes the VM register.
Figure 8.
Priority level of memory and I/O components
12.3
Configuration modes for MCUs with separate program and
data spaces
12.3.1
Separate Space modes
Program space is separated from data space. For example, Program Select Enable (PSEN,
CNTL2) is used to access the program code from the primary Flash memory, while Read
Strobe (RD, CNTL1) is used to access data from the secondary Flash memory, SRAM and
I/O port blocks. This configuration requires the VM register to be set to 0Ch (see Figure 9).
12.3.2
Combined Space modes
The program and data spaces are combined into one memory space that allows the primary
Flash memory, secondary Flash memory, and SRAM to be accessed by either Program
Select Enable (PSEN, CNTL2) or Read Strobe (RD, CNTL1). For example, to configure the
primary Flash memory in Combined space, Bits b2 and b4 of the VM register are set to '1'
(see Figure 10).
Figure 9.
8031 memory modules – separate space
Level 1
SRAM, I /O, or
Peripheral I /O
Level 2
Secondary
Non-Volatile Memory
Highest Priority
Lowest Priority
Level 3
Primary Flash Memory
AI02867D
Primary
Flash
Memory
DPLD
Secondary
Flash
Memory
SRAM
RS0
CSBOOT0-3
FS0-FS7
CS
CS
CS
OE
OE
RD
PSEN
OE
AI02869C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com