Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M95080-MN6TG/G Datasheet(PDF) 12 Page - STMicroelectronics

Part # M95080-MN6TG/G
Description  16 Kbit and 8 Kbit serial SPI bus EEPROM with high speed clock
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M95080-MN6TG/G Datasheet(HTML) 12 Page - STMicroelectronics

Back Button M95080-MN6TG/G Datasheet HTML 8Page - STMicroelectronics M95080-MN6TG/G Datasheet HTML 9Page - STMicroelectronics M95080-MN6TG/G Datasheet HTML 10Page - STMicroelectronics M95080-MN6TG/G Datasheet HTML 11Page - STMicroelectronics M95080-MN6TG/G Datasheet HTML 12Page - STMicroelectronics M95080-MN6TG/G Datasheet HTML 13Page - STMicroelectronics M95080-MN6TG/G Datasheet HTML 14Page - STMicroelectronics M95080-MN6TG/G Datasheet HTML 15Page - STMicroelectronics M95080-MN6TG/G Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 50 page
background image
Operating features
M95160-x, M95080-x
12/50
Doc ID 8028 Rev 10
4
Operating features
4.1
Supply voltage (VCC)
4.1.1
Operating supply voltage VCC
Prior to selecting the memory and issuing instructions to it, a valid and stable VCC voltage
within the specified [VCC(min), VCC(max)] range must be applied (see Table 9, Table 10 and
Table 11). This voltage must remain stable and valid until the end of the transmission of the
instruction and, for a Write instruction, until the completion of the internal write cycle (tW). In
order to secure a stable DC supply voltage, it is recommended to decouple the VCC line with
a suitable capacitor (usually of the order of 10 nF to 100 nF) close to the VCC/VSS package
pins.
4.1.2
Device reset
In order to prevent inadvertent write operations during power-up, a power-on-reset (POR)
circuit is included. At power-up, the device does not respond to any instruction until VCC
reaches the POR threshold voltage (this threshold is defined in DC characteristics tables 15,
16, 17, 18, 19 and 20 as VRES).
When VCC passes over the POR threshold, the device is reset and is in the following state:
●
in Standby Power mode
●
deselected (note that, to be executed, an instruction must be preceded by a falling
edge on Chip Select (S))
●
Status Register value:
–
the Write Enable Latch (WEL) is reset to 0
–
Write In Progress (WIP) is reset to 0
–
The SRWD, BP1 and BP0 bits remain unchanged (non-volatile bits)
When VCC passes over the POR threshold, the device is reset and enters the Standby
Power mode. The device must not be accessed until VCC reaches a valid and stable VCC
voltage within the specified [VCC(min), VCC(max)] range defined in Table 9, Table 10 and
Table 11.
4.1.3
Power-up conditions
When the power supply is turned on, VCC rises continuously from VSS to VCC. During this
time, the Chip Select (S) line is not allowed to float but should follow the VCC voltage. It is
therefore recommended to connect the S line to VCC via a suitable pull-up resistor (see
Figure 4).
In addition, the Chip Select (S) input offers a built-in safety feature, as the S input is edge
sensitive as well as level sensitive: after power-up, the device does not become selected
until a falling edge has first been detected on Chip Select (S). This ensures that Chip Select
(S) must have been high, prior to going low to start the first operation.
The VCC voltage has to rise continuously from 0 V up to the minimum VCC operating voltage
defined in Table 9, Table 10 and Table 11 and the rise time must not vary faster than 1 V/µs.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com