Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M95080-MN6TG/G Datasheet(PDF) 16 Page - STMicroelectronics

Part # M95080-MN6TG/G
Description  16 Kbit and 8 Kbit serial SPI bus EEPROM with high speed clock
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M95080-MN6TG/G Datasheet(HTML) 16 Page - STMicroelectronics

Back Button M95080-MN6TG/G Datasheet HTML 12Page - STMicroelectronics M95080-MN6TG/G Datasheet HTML 13Page - STMicroelectronics M95080-MN6TG/G Datasheet HTML 14Page - STMicroelectronics M95080-MN6TG/G Datasheet HTML 15Page - STMicroelectronics M95080-MN6TG/G Datasheet HTML 16Page - STMicroelectronics M95080-MN6TG/G Datasheet HTML 17Page - STMicroelectronics M95080-MN6TG/G Datasheet HTML 18Page - STMicroelectronics M95080-MN6TG/G Datasheet HTML 19Page - STMicroelectronics M95080-MN6TG/G Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 50 page
background image
Instructions
M95160-x, M95080-x
16/50
Doc ID 8028 Rev 10
6
Instructions
Each instruction starts with a single-byte code, as summarized in Table 4.
If an invalid instruction is sent (one not contained in Table 4.), the device automatically
deselects itself.
6.1
Write Enable (WREN)
The Write Enable Latch (WEL) bit must be set prior to each WRITE and WRSR instruction.
The only way to do this is to send a Write Enable instruction to the device.
As shown in Figure 7., to send this instruction to the device, Chip Select (S) is driven low,
and the bits of the instruction byte are shifted in, on Serial Data Input (D). The device then
enters a wait state. It waits for the device to be deselected, by Chip Select (S) being driven
high.
Figure 7.
Write Enable (WREN) sequence
Table 4.
Instruction set
Instruction
Description
Instruction format
WREN
Write Enable
0000 0110
WRDI
Write Disable
0000 0100
RDSR
Read Status Register
0000 0101
WRSR
Write Status Register
0000 0001
READ
Read from Memory Array
0000 0011
WRITE
Write to Memory Array
0000 0010
C
D
AI02281E
S
Q
2
1
34567
High Impedance
0
Instruction



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com