Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M95160-MN3TG/G Datasheet(PDF) 21 Page - STMicroelectronics

Part # M95160-MN3TG/G
Description  16 Kbit and 8 Kbit serial SPI bus EEPROM with high speed clock
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M95160-MN3TG/G Datasheet(HTML) 21 Page - STMicroelectronics

Back Button M95160-MN3TG/G Datasheet HTML 17Page - STMicroelectronics M95160-MN3TG/G Datasheet HTML 18Page - STMicroelectronics M95160-MN3TG/G Datasheet HTML 19Page - STMicroelectronics M95160-MN3TG/G Datasheet HTML 20Page - STMicroelectronics M95160-MN3TG/G Datasheet HTML 21Page - STMicroelectronics M95160-MN3TG/G Datasheet HTML 22Page - STMicroelectronics M95160-MN3TG/G Datasheet HTML 23Page - STMicroelectronics M95160-MN3TG/G Datasheet HTML 24Page - STMicroelectronics M95160-MN3TG/G Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 50 page
background image
M95160-x, M95080-x
Instructions
Doc ID 8028 Rev 10
21/50
The protection features of the device are summarized in Table 6.
When the Status Register Write Disable (SRWD) bit in the Status Register is 0 (its initial
delivery state), it is possible to write to the Status Register (provided that the WEL bit has
previously been set by a WREN instruction), regardless of the logic level applied on the
Write Protect (W) input pin.
When the Status Register Write Disable (SRWD) bit in the Status Register is set to 1, two
cases need to be considered, depending on the state of the Write Protect (W) input pin:
●
If Write Protect (W) is driven high, it is possible to write to the Status Register (provided
that the WEL bit has previously been set by a WREN instruction.
●
If Write Protect (W) is driven low, it is not possible to write to the Status Register even if
the WEL bit has previously been set by a WREN instruction. (Attempts to write to the
Status Register are rejected, and are not accepted for execution). As a consequence,
all the data bytes in the memory area, which are software-protected (SPM) by the Block
Protect (BP1, BP0) bits in the Status Register, are also hardware-protected against
data modification.
Regardless of the order of the two events, the Hardware-protected mode (HPM) can be
entered by:
●
either setting the SRWD bit after driving the Write Protect (W) input pin low
●
or driving the Write Protect (W) input pin low after setting the SRWD bit
Once the Hardware-protected mode (HPM) has been entered, the only way of exiting it is to
pull high the Write Protect (W) input pin.
If the Write Protect (W) input pin is permanently tied high, the Hardware-protected mode
(HPM) can never be activated, and only the Software-protected mode (SPM), using the
Block Protect (BP1, BP0) bits in the Status Register, can be used.
Figure 10.
Write Status Register (WRSR) sequence
Table 7.
Address range bits(1)
1.
b15 to b11 are Don’t Care on the M95160-x.
b15 to b10 are Don’t Care on the M95080-x.
Device
M95160-x
M95080-x
Address bits
A10-A0
A9-A0
C
D
AI02282D
S
Q
2
1
3456789 10 11 12 13 14 15
High Impedance
Instruction
Status
Register In
0
765432
0
1
MSB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com