Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M95160-MN3TG/G Datasheet(PDF) 47 Page - STMicroelectronics

Part # M95160-MN3TG/G
Description  16 Kbit and 8 Kbit serial SPI bus EEPROM with high speed clock
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M95160-MN3TG/G Datasheet(HTML) 47 Page - STMicroelectronics

Back Button M95160-MN3TG/G Datasheet HTML 42Page - STMicroelectronics M95160-MN3TG/G Datasheet HTML 43Page - STMicroelectronics M95160-MN3TG/G Datasheet HTML 44Page - STMicroelectronics M95160-MN3TG/G Datasheet HTML 45Page - STMicroelectronics M95160-MN3TG/G Datasheet HTML 46Page - STMicroelectronics M95160-MN3TG/G Datasheet HTML 47Page - STMicroelectronics M95160-MN3TG/G Datasheet HTML 48Page - STMicroelectronics M95160-MN3TG/G Datasheet HTML 49Page - STMicroelectronics M95160-MN3TG/G Datasheet HTML 50Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 47 / 50 page
background image
M95160-x, M95080-x
Revision history
Doc ID 8028 Rev 10
47/50
12
Revision history
Table 35.
Document revision history
Date
Revision
Changes
19-Jul-2001
1.0
Document written from previous M95640/320/160/080 datasheet
06-Feb-2002
1.1
Announcement made of planned upgrade to 10MHz clock for the 5V, –40
to 85°C, range
18-Oct-2002
1.2
TSSOP8 (3x3mm body size, MSOP8) package added
04-Nov-2002
1.3
New products, identified by the process letter W, added
13-Nov-2002
1.4
Correction to footnote in Ordering Information table
21-Nov-2003
2.0
Table of contents, and Pb-free options added. VIL(min) improved to –
0.45V
08-Jun-2004
3.0
MLP8 package added. Absolute Maximum Ratings for VIO(min) and
VCC(min) improved. Soldering temperature information clarified for RoHS
compliant devices. Device Grade 3 clarified, with reference to HRCF and
automotive environments. Process identification letter “G” information
added. SO8 narrow and TSSOP8 Package mechanical specifications
updated.
07-Oct-2004
4.0
Product List summary table added. AEC-Q100-002 compliance. tHHQX
corrected to tHHQV.
10MHz, 5ms Write is now the present product. tCH+tCL<1/fC constraint
clarified
21-Sep-2005
5.0
Added 20MHz and -S product information. Removed DIP package. Info on
Pull-up resistors, VCC lines and Note 2. added to Figure 4.: Bus master
and memory devices on the SPI bus. Device internal reset paragraph
clarified. Packages compliant with the JEDEC Std J-STD-020C. Process
info updated in DC and AC parameters and Table 32.: Ordering
information scheme.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com