Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M95080-MN3TG/G Datasheet(PDF) 20 Page - STMicroelectronics

Part # M95080-MN3TG/G
Description  16 Kbit and 8 Kbit serial SPI bus EEPROM with high speed clock
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M95080-MN3TG/G Datasheet(HTML) 20 Page - STMicroelectronics

Back Button M95080-MN3TG/G Datasheet HTML 16Page - STMicroelectronics M95080-MN3TG/G Datasheet HTML 17Page - STMicroelectronics M95080-MN3TG/G Datasheet HTML 18Page - STMicroelectronics M95080-MN3TG/G Datasheet HTML 19Page - STMicroelectronics M95080-MN3TG/G Datasheet HTML 20Page - STMicroelectronics M95080-MN3TG/G Datasheet HTML 21Page - STMicroelectronics M95080-MN3TG/G Datasheet HTML 22Page - STMicroelectronics M95080-MN3TG/G Datasheet HTML 23Page - STMicroelectronics M95080-MN3TG/G Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 50 page
background image
Instructions
M95160-x, M95080-x
20/50
Doc ID 8028 Rev 10
6.4
Write Status Register (WRSR)
The Write Status Register (WRSR) instruction allows new values to be written to the Status
Register. Before it can be accepted, a Write Enable (WREN) instruction must previously
have been executed.
The Write Status Register (WRSR) instruction is entered by driving Chip Select (S) low,
followed by the instruction code, the data byte on Serial Data input (D) and Chip Select (S)
driven high. Chip Select (S) must be driven high after the rising edge of Serial Clock (C) that
latches in the eighth bit of the data byte, and before the next rising edge of Serial Clock (C).
Otherwise, the Write Status Register (WRSR) instruction is not executed.
The instruction sequence is shown in Figure 10.
Driving the Chip Select (S) signal high at a byte boundary of the input data triggers the self-
timed write cycle that takes tW to complete (as specified in Table 21, Table 22, Table 23,
Table 24, Table 26 and Table 27).
While the Write Status Register cycle is in progress, the Status Register may still be read to
check the value of the Write in progress (WIP) bit: the WIP bit is 1 during the self-timed write
cycle tW, and, 0 when the write cycle is complete. The WEL bit (Write enable latch) is also
reset at the end of the write cycle tW.
The Write Status Register (WRSR) instruction allows the user to change the values of the
BP1, BP0 and SRWD bits:
●
The Block Protect (BP1, BP0) bits define the size of the area that is to be treated as
read only, as defined in Table 3.
●
The SRWD bit (Status Register Write Disable bit), in accordance with the signal read
on the Write Protect pin (W), allows the user to set or reset the Write protection mode
of the Status Register itself, as defined in Table 6. When in Write-protected mode, the
Write Status Register (WRSR) instruction is not executed.
The contents of the SRWD and BP1, BP0 bits are updated after the completion of the
WRSR instruction, including the tW Write cycle.
The Write Status Register (WRSR) instruction has no effect on the b6, b5, b4, b1, b0 bits in
the Status Register. Bits b6, b5, b4 are always read as 0.
Table 6.
Protection modes
W
signal
SRWD
bit
Mode
Write protection of the
Status Register
Memory content
Protected area(1)
1.
As defined by the values in the Block Protect (BP1, BP0) bits of the Status Register, as shown in Table 3.
Unprotected area(1)
10
Software-
protected
(SPM)
Status Register is
writable (if the WREN
instruction has set the
WEL bit)
The values in the BP1
and BP0 bits can be
changed
Write-protected
Ready to accept
Write instructions
00
11
01
Hardware-
protected
(HPM)
Status Register is
Hardware write-protected
The values in the BP1
and BP0 bits cannot be
changed
Write-protected
Ready to accept
Write instructions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com