Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M95080-MN3TG/G Datasheet(PDF) 38 Page - STMicroelectronics

Part # M95080-MN3TG/G
Description  16 Kbit and 8 Kbit serial SPI bus EEPROM with high speed clock
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M95080-MN3TG/G Datasheet(HTML) 38 Page - STMicroelectronics

Back Button M95080-MN3TG/G Datasheet HTML 34Page - STMicroelectronics M95080-MN3TG/G Datasheet HTML 35Page - STMicroelectronics M95080-MN3TG/G Datasheet HTML 36Page - STMicroelectronics M95080-MN3TG/G Datasheet HTML 37Page - STMicroelectronics M95080-MN3TG/G Datasheet HTML 38Page - STMicroelectronics M95080-MN3TG/G Datasheet HTML 39Page - STMicroelectronics M95080-MN3TG/G Datasheet HTML 40Page - STMicroelectronics M95080-MN3TG/G Datasheet HTML 41Page - STMicroelectronics M95080-MN3TG/G Datasheet HTML 42Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 50 page
background image
DC and AC parameters
M95160-x, M95080-x
38/50
Doc ID 8028 Rev 10
Table 27.
AC characteristics (M95160-F)(1)
1.
Preliminary data.
Test conditions specified in Table 12
Symbol
Alt.
Parameter
Min.
Max.
Unit
fC
fSCK Clock frequency
D.C.
3.5
MHz
tSLCH
tCSS1 S active setup time
85
ns
tSHCH
tCSS2 S not active setup time
85
ns
tSHSL
tCS
S deselect time
120
ns
tCHSH
tCSH S active hold time
85
ns
tCHSL
S not active hold time
85
ns
tCH
(2)
2.
tCH + tCL must never be lower than the shortest possible clock period, 1/fC(max).
tCLH Clock high time
110
ns
tCL
(1)
tCLL Clock low time
110
ns
tCLCH
(3)
3.
Value guaranteed by characterization, not 100% tested in production.
tRC Clock rise time
2
µs
tCHCL
(2)
tFC
Clock fall time
2
µs
tDVCH
tDSU Data in setup time
30
ns
tCHDX
tDH Data in hold time
30
ns
tHHCH
Clock low hold time after HOLD not active
85
ns
tHLCH
Clock low hold time after HOLD active
85
ns
tCLHL
Clock low set-up time before HOLD active
0
0
tCLHH
Clock low set-up time before HOLD not active
0
0
tSHQZ
(2)
tDIS Output disable time
120
ns
tCLQV
tV
Clock low to output valid
120
ns
tCLQX
tHO Output hold time
0
ns
tQLQH
(2)
tRO Output rise time
100
ns
tQHQL
(2)
tFO
Output fall time
100
ns
tHHQV
tLZ
HOLD high to output valid
110
ns
tHLQZ
(2)
tHZ
HOLD low to output high-Z
110
ns
tW
tWC Write time
5
ms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com