Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STV2236 Datasheet(PDF) 21 Page - STMicroelectronics

Part # STV2236
Description  I²C bus-controlled multistandard single chip TV processor
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV2236 Datasheet(HTML) 21 Page - STMicroelectronics

Back Button STV2236 Datasheet HTML 17Page - STMicroelectronics STV2236 Datasheet HTML 18Page - STMicroelectronics STV2236 Datasheet HTML 19Page - STMicroelectronics STV2236 Datasheet HTML 20Page - STMicroelectronics STV2236 Datasheet HTML 21Page - STMicroelectronics STV2236 Datasheet HTML 22Page - STMicroelectronics STV2236 Datasheet HTML 23Page - STMicroelectronics STV2236 Datasheet HTML 24Page - STMicroelectronics STV2236 Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 86 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
STV224X, STV228X, STV223X - FUNCTIONAL DESCRIPTION
21/86
– A second CVBS output (CVBSOUT2) is able to
output recombined Y+C signals.
All switches are independently controlled.
– SVHS switch, Y input is combined with CVBS 3
input. CVBS/SVHS modes can be selected ei-
ther by bus control (software selection), or by
sensing the DC voltage on the Chroma Input pin
(hardware selection). If the Chroma Input is
grounded, the CVBS mode is selected and the
bus control is not active. If the DC level of the
Chroma Input is higher than the SVHS threshold,
then the bus control for the SVHS switch is ac-
tive. Therefore, the SVHS mode can be selected
by hardware using a special SVHS connector
that includes a mechanical switch. In this type of
application, the bus control is set to SVHS mode,
and the CVBS mode is selected by grounding the
Chroma Input pin.
3.2 DEFLECTION PART
3.2.1 Synchronization Separator
– Fully-integrated synchronization separator with a
low pass filter, black level alignment of the CVBS
input, and a 50% slicing level for the synchro-
nized pulse amplitude.
3.2.2 Two Phase-Locked Loops (PLL)
Auto-calibrated VCO using the chroma crystal ref-
erence. Crystal control pin X1/VAMP/CHROUT in-
dicates the crystal reference value on Pin XTAL1.
When
a
4.43 MHz
crystal
is
connected
to
Pin XTAL1, the output load on Pin X1/VAMP/
CHROUT must be greater than 80 k
Ω. When a
3.58 MHz crystal is connected to Pin XTAL1, the
output load must be less than 10 k
Ω.
The first PLL locks the VCO to the video line fre-
quency and the second PLL compensates the line
transistor storage time.
Three time constants for the first PLL.
– [X,Y]: Line number referring to the internal line
counter numbering system.
The long time constant is used for normal opera-
tion.
The short time constant is automatically used dur-
ing the VCR search mode and frame retrace when
the
frame
pulse
is
outside
[258,264]
and
[309,314].
The very long time constant is used when there is
no video recognition (very good OSD stability).
Time constants in normal operation (automatic se-
lection of time constants):
– 50 Hz input signal:
short time constant: [306,21],
long time constant: the rest of the field.
– 60 Hz input signal:
short time constant: [0,16],
long time constant: the rest of the field.
3.2.2.1 Inhibition of the First PLL
The first PLL is inhibited from line 309 to line 4.5
(or 314) in 50 Hz mode and from line 258 to line
5.5 (or 264) in 60 Hz mode. The time constant val-
ues are chosen by means of external components.
– Possibility of forcing the short time constant dur-
ing the all frame via the bus.
– Possibility of forcing the long time constant dur-
ing the all frame via the bus.
– Possibility of forcing a very long time constant
during the all frame via the bus.
Generation of burst gate pulses and line frequency
signals from the first PLL to drive the Chroma and
Video circuits. The burst gate pulse is also sent to
the super-sandcastle generator.
3.2.3 Video Identification
The video identification status is available in the
output register of the I²C bus decoder (independ-
ent from PLL1).
3.2.4 Vertical Synchronization
Frame synchronized window:
– large window: [248,352] in AUTO mode,
[248,284] in forced 60 Hz mode, [288,352] in
forced 50 Hz mode.
– narrow window: [309,314] in 50 Hz mode,
[258,264] in 60 Hz mode.
Field frequency selection windows:
– [248,284] 60 Hz mode selection window.
– [288,352] 50 Hz mode selection window.
Frame blanking pulse adapted to standard:
– from line 309 to line 21 in 50 Hz mode,
– from line 258 to line 16 in 60 Hz mode.
3.2.5 Vertical Blanking
Long blanking mode: the end of frame blanking is
line 21 both in 50 and 60 Hz modes. This mode is
useful when the flyback time of the vertical output
stage is longer than the 60 Hz blanking time. It is
used to optimize the 50/60 Hz vertical amplifier ap-
plication due to long frame blanking.
3.2.6 Vertical Oversize Blanking
The Oversized Blanking function is controlled by
the voltage on the FBOSD pin. When the FBOSD
voltage is between the first and the second thresh-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com