Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STV2236 Datasheet(PDF) 25 Page - STMicroelectronics

Part # STV2236
Description  I²C bus-controlled multistandard single chip TV processor
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV2236 Datasheet(HTML) 25 Page - STMicroelectronics

Back Button STV2236 Datasheet HTML 21Page - STMicroelectronics STV2236 Datasheet HTML 22Page - STMicroelectronics STV2236 Datasheet HTML 23Page - STMicroelectronics STV2236 Datasheet HTML 24Page - STMicroelectronics STV2236 Datasheet HTML 25Page - STMicroelectronics STV2236 Datasheet HTML 26Page - STMicroelectronics STV2236 Datasheet HTML 27Page - STMicroelectronics STV2236 Datasheet HTML 28Page - STMicroelectronics STV2236 Datasheet HTML 29Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 86 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
STV224X, STV228X, STV223X - FUNCTIONAL DESCRIPTION
25/86
Shunt capacitance: CP < 7 pF,
Serial resistance: RS < 70 Ω.
– 3.575611 MHz XTAL specification (PAL M).
Mode of operation: serial resonance (without
load capacity),
Motional capacitance: CM = 12fF ±2fF,
Shunt capacitance: CP < 7pF,
Serial resistance: RS < 70Ω.
– 3.582056 MHz XTAL specification (PAL N).
Mode of operation: serial resonance (without
load capacity),
Motional capacitance: CM = 12fF ±2fF,
Shunt capacitance: CP < 7pF,
Serial resistance: RS < 70Ω.
0° and ± 90° demodulation angles for PAL.
Bus-controlled demodulation angles (0, 90) or (0,
104) are available in NTSC mode.
Bus-controlled Hue adjustment is available in
NTSC mode.
3.5.2.1 NTSC Automatic Flesh Control
Two automatic flesh control characteristics are
available via the bus.The normal flesh control with
±10° correction and a total action range of ±60°
and the wide flesh control with ±20° correction and
a total action range of ±90°.
3.5.3 SECAM Decoder
The following functions are fully-integrated: Killer,
PLL demodulator and De-emphasis functions.
3.5.4 Chroma Standard Identification
R-Y and B-Y outputs are blanked during Color
Search mode. The color is displayed only when
the chroma standard has been identified.
3.5.4.1 Sequential Identification
Three identification sequences:
– XTAL1 (4.43 MHz) mode to identify either PAL or
NTSC.
– XTAL2 (3.58 MHz) mode to identify either PAL or
NTSC.
– SECAM mode (XTAL1 selection).
In 3-crystal applications, the SECAM sequence is
replaced by XTAL3 selection to identify either PAL
or NTSC signals.
3.5.4.2 SECAM Identification
SECAM mode is locked after two identified SE-
CAM sequences.
SECAM mode can be selected in 50 Hz mode on-
ly. PAL/NTSC has priority over SECAM standard.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com