Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NISCXI-1129 Datasheet(PDF) 1 Page - National Instruments Corporation

Part # NISCXI-1129
Description  High-Density Multiconfiguration Matrix Modules
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NI [National Instruments Corporation]
Direct Link  http://www.NI.com
Logo NI - National Instruments Corporation

NISCXI-1129 Datasheet(HTML) 1 Page - National Instruments Corporation

  NISCXI-1129 Datasheet HTML 1Page - National Instruments Corporation NISCXI-1129 Datasheet HTML 2Page - National Instruments Corporation NISCXI-1129 Datasheet HTML 3Page - National Instruments Corporation NISCXI-1129 Datasheet HTML 4Page - National Instruments Corporation NISCXI-1129 Datasheet HTML 5Page - National Instruments Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
NI PXI-2529, NI PXIe-2529, NI SCXI-1129 NEW!
High-Density Multiconfiguration
Matrix Modules
8 matrix configurations
■
Switch capacity
■
150 VDC, 150 V
■
rms CAT I
1 A switching/2 A carry
■
32,000-step scan list for
■
deterministic scanning
Fully software programmable
■
Effortless matrix expansion
■
Multiple-module synchronization
■
with hardware triggers
Electromechanical relays
■
Available in both PXI and PXI Express
■
versions for optimal slot placement
NI PXI-2529/PXIe-2529
■
128-crosspoint matrix
■
4x32 and 8x16 2-wire
■
matrix configurations
NI SCXI-1129
■
256-crosspoint matrix
■
Six 2-wire matrix configurations
■
Operating Systems
Windows XP/2000/NT
■
Recommended Software
LabVIEW
■
LabWindows
■
™
/CVI
Measurement Studio
■
for Visual C++
NI Switch Executive
■
Other Compatible Software
Visual Basic
■
ANSI C/C++
■
Driver Software (included)
NI-SWITCH
■
Overview
The NI PXI-2529, PXIe-2529, and SCXI-1129 are high-density matrix relay
modules built for applications with high-channel counts. The modules are
two-wire matrices that are configurable with front mounting terminal blocks to
achieve many different matrix configurations. Table 1 provides a complete list of
possible configurations. Expanding the matrix channel count is as easy as adding
more modules. With the SCXI-1129, you can pass analog signals between two
or more switch modules via a high-voltage backplane (HVAB), matrix expansion
cables, or matrix expansion plugs. Using these connections, you can instantly
expand your matrix without external wiring. The NI 2529 modules are designed
to work well with both low- and high- voltage levels. They use relays with low
thermal offset to ensure accurate low-voltage measurements. These relays can
switch up to 150 V
rms or 150 VDC.
Matrix Operation
The NI 2529 modules are general-purpose,
two-wire matrices used to route differential
signals. Through software, you can control
the matrices to connect any row to any
column. One of the key advantages of
these modules is their adaptability to
your switching needs. You can configure
the SCXI-1129 in six different matrix
configurations and an NI 2529 in two
configurations by simply changing the terminal block. For example, you can
create an 8x32 two-wire matrix by using the NI SCXI-1335 terminal block with an
SCXI-1129 module. You can easily transform the same SCXI-1129 module into a
16x16 two-wire matrix by simply replacing the SCXI-1335 with an NI SCXI-1336
terminal block.
The NI 2529 modules use latching relays in the matrices to ensure that the
state of each matrix remains unchanged in the event of accidental power loss.
This feature prevents instruments and units under test from switching during
potentially damaging conditions. All relays open when power returns.
Automatic Scanning
NI 2529 modules can maximize throughput in automated test applications with
the use of scanning. Scanning improves throughput by downloading a list of
up to 32,000 connections to the switch and cycling through the list using an
event (trigger) without any interruption from the host processor. You can most
efficiently implement scanning by mating an NI 2529 or SCXI-1129 with an
instrument such as the NI PXI-4070 6½-digit FlexDMM, which issues a trigger
after each measurement.
Safety Disconnect
The SCXI-1129 incorporates a safety interlock that disconnects the SCXI
high-voltage analog bus from the matrix if the front terminal block is removed.
This arrangement prevents potentially hazardous voltages from appearing on
exposed front panel connector pins.
Figure 1. The matrix expansion plug
simplifies expansion.


Similar Part No. - NISCXI-1129

ManufacturerPart #DatasheetDescription
logo
National Instruments Co...
NISCXI-1120 NI-NISCXI-1120 Datasheet
91Kb / 7P
SCXI 8-Channel Isolated Analog Input Modules
NISCXI-1122 NI-NISCXI-1122 Datasheet
174Kb / 9P
SCXI Isolated Universal Input Modules
NISCXI-1126 NI-NISCXI-1126 Datasheet
83Kb / 6P
SCXI 8-Channel Isolated Frequency Input Module
NISCXI-1127 NI-NISCXI-1127 Datasheet
427Kb / 6P
Low-Cost 6 1⁄2-Digit Multimeters
More results

Similar Description - NISCXI-1129

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PS50-12S25 ETC2-PS50-12S25 Datasheet
266Kb / 4P
High Density DC-DC Modules
logo
National Instruments Co...
PXI-2531 NI-PXI-2531 Datasheet
657Kb / 5P
High-Density Multiconfiguration Matrix Switch Modules
PXI-2530 NI-PXI-2530 Datasheet
198Kb / 4P
High-Density Multiconfiguration Multiplexer/Matrix
logo
California Eastern Labs
ZMXM-400 CEL-ZMXM-400 Datasheet
1Mb / 13P
MATRIX TRANSCEIVER MODULES
logo
Cypress Semiconductor
CY7C346B-35NC CYPRESS-CY7C346B-35NC Datasheet
87Kb / 6P
Multiple Array Matrix High-Density EPLDs
logo
Red Lion Controls. Inc
E3_IO REDLION-E3_IO Datasheet
636Kb / 3P
Rugged High-Density I/O Modules
logo
Keysight Technologies
M9120A KEYSIGHT-M9120A Datasheet
533Kb / 14P
PXI Matrix Switch Modules
M9121A KEYSIGHT-M9121A Datasheet
533Kb / 14P
PXI Matrix Switch Modules
M9122A KEYSIGHT-M9122A Datasheet
533Kb / 14P
PXI Matrix Switch Modules
M9120A KEYSIGHT-M9120A_17 Datasheet
2Mb / 14P
PXI Matrix Switch Modules
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com