| Electronic Components Datasheet Search |
|
NISCXI-1129 Datasheet(PDF) 2 Page - National Instruments Corporation |
|
|
|||||||||||||||||||||||||||||
NISCXI-1129 Datasheet(HTML) 2 Page - National Instruments Corporation |
|
2 / 5 page ![]() BUY ONLINE at ni.com or C ALL 800 813 3693 (U.S.) 2 High-Density Multiconfiguration Matrix Modules Expansion with the SCXI-1129 Matrix modules can serve as building blocks for creating configurations well beyond the size of a single module. Connecting the rows of two modules doubles the column count. Likewise, connecting the columns of two modules doubles the row count. For example, you can expand a 4x64 matrix, made up of one SCXI-1129 module and one SCXI-1334 terminal block, to a 4x128, 4x192, 4x256, and so forth, by connecting the columns of multiple SCXI-1129 modules via the terminal block. To expand the columns of the SCXI-1129, you can use expansion cables. Expansion cables connect four differential signals. Hence, you must use two matrix expansion cables for each expansion with the SCXI-1335 because it has eight rows. You can expand the row count of the SCXI-1129 with expansion plugs, which connect the columns of two adjacent switch modules as shown in Figure 1. With the expansion plugs, you can create the 128x16 matrix in less than five minutes. For further information on matrix expansion, refer to the tutorial, Matrix Switch Expansion Guide, at http://zone.ni.com/devzone/cda/tut/p/id/3628. SCXI Relay Control Every SCXI switch system requires an external switch controller. The switch controller uses the digital communications bus on the SCXI chassis to control the switch circuitry. An NI 4021 switch controller, available for both PCI and PXI, is the recommended SCXI switch controller. SCXI Analog Routing You can increase the flexibility of your switch system with the addition of the high-voltage analog bus (HVAB). Using the HVAB, you can easily route high- voltage or low-voltage analog signals between multiple switch modules or instruments without the need for external wiring (assuming it is safe to do so). For example, you can use the HVAB to effortlessly create a 4x256 matrix from four SCXI-1129 modules in the 4x64 matrix configuration (SCXI-1334 terminal block). Without the HVAB, the 4x256 matrix requires external wiring or cables. The HVAB works with the SCXI-1127, SCXI-1128, and SCXI-1129 modules. Signal Connections You can choose from several solutions for your signal connections: Terminal blocks provide screw terminals, solder cups, or headers ■ for easy connections A shielded backshell features a 180-pin connector housing ■ to accommodate custom cables on the SCXI-1129 Mass interconnect solutions from industry leaders ■ Contact your local National Instruments sales representative for information on these products. Software All National Instruments PXI and SCXI switch modules are shipped with NI-SWITCH, an IVI-compliant driver that offers complete functionality for all switch modules. For additional assistance in configuring, programming, and managing higher-channel-count switching systems, NI Switch Executive software provides an easy-to-use, intelligent switch management and visual routing environment. Terminal Block Configuration (Row by Column) Column Expansion Via Row Connection Row Expansion Via Column Connection NI SCXI-1129 SCXI-1333 Quad 4x16 External wires With matrix expansion plug. Examples: quad 8x16, quad 16x16 SCXI-1334 4x64 With HVAB or matrix expansion cable. Examples: 4x128, 4x256 With matrix expansion plug. Examples: 8x64,16x64, 32x64 SCXI-1335 8x32 With matrix expansion cable (2 cables required). Examples: 8x64, 8x128 With matrix expansion plug. Examples: 16x32, 32x32 SCXI-1336 16x16 External wires With matrix expansion plug. Examples: 32x16, 64x16 SCXI-1337 Dual 8x16 External wires External wires SCXI-1339 Dual 4x32 External wires External wires NI 2529 TB-2634 4x32 External wires External wires TB-2635 8x16 External wires External wires Table 1. NI 2529 and SCXI-1129 Configuration and Matrix Expansion |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |