Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STM805MDS6E Datasheet(PDF) 34 Page - STMicroelectronics

Part # STM805MDS6E
Description  5 V supervisor with battery switchover
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM805MDS6E Datasheet(HTML) 34 Page - STMicroelectronics

Back Button STM805MDS6E Datasheet HTML 30Page - STMicroelectronics STM805MDS6E Datasheet HTML 31Page - STMicroelectronics STM805MDS6E Datasheet HTML 32Page - STMicroelectronics STM805MDS6E Datasheet HTML 33Page - STMicroelectronics STM805MDS6E Datasheet HTML 34Page - STMicroelectronics STM805MDS6E Datasheet HTML 35Page - STMicroelectronics STM805MDS6E Datasheet HTML 36Page - STMicroelectronics STM805MDS6E Datasheet HTML 37Page - STMicroelectronics STM805MDS6E Datasheet HTML 38Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 43 page
background image
DC and AC parameters
STM690A/692A/703/704/802/805/817/818/819
34/43
Doc ID 10522 Rev 10
Table 7.
DC and AC characteristics
Sym
Alter-
native
Description
Test condition(1)
Min
Typ
Max
Unit
VCC ,
VBAT
(2)
Operating voltage
TA = –40 to +85 °C
1.2(3)
5.5
V
ICC
VCC supply current
Excluding IOUT (VCC < 5.5 V)
25
60
µA
VCC supply current in
battery backup mode
Excluding IOUT (VBAT = 2.3 V,
VCC = 2.0 V, MR = VCC)
25
35
µA
IBAT
(4)
VBAT supply current in
battery backup mode
Excluding IOUT
(VBAT = 3.6 V)
0.4
1.0
µA
VOUT1
VOUT voltage (active)
IOUT1 = 5 mA
(5)
VCC –
0.03
VCC – 0.015
V
IOUT1 = 75 mA
VCC –
0.3
VCC – 0.15
V
IOUT1 = 250 µA,
VCC > 2.5 V
(5)
VCC –
0.0015
VCC –
0.0006
V
VOUT2
VOUT voltage (battery
backup)
IOUT2 = 250 µA, VBAT = 2.3 V
VBAT –
0.1
VBAT – 0.034
V
IOUT2 = 1 mA, VBAT = 2.3 V
VBAT – 0.14
V
VCC to VOUT
on-resistance
34
Ω
VBAT to VOUT
on-resistance
100
Ω
ILI
Input leakage current
(MR)
4.5 V < VCC < 5.5 V
75
125
300
µA
Input leakage current
(PFI)
0 V < VIN < VCC
–25
2
+25
nA
Input leakage current
(WDI)(6)
WDI = VCC , time average
120
160
µA
WDI = GND, time average
–20
–15
µA
VIH
Input high voltage (MR)
4.5 V < VCC < 5.5 V
2.0
V
VIH
Input high voltage (WDI)
VRST (max) < VCC < 5.5 V
0.7VCC
V
VIL
Input low voltage (MR)
4.5 V < VCC < 5.5 V
0.8
V
VIL
Input low voltage (WDI)
VRST (max) < VCC < 5.5 V
0.3VCC
V
VOL
Output low voltage (PFO,
RST, RST)
VCC = VRST (max),
ISINK = 3.2 mA
0.3
V
Output low voltage
(ECON)
VCC = VRST (max),
IOUT = 1.6 mA, E = 0 V
0.2VCC
V
VOL
Output low voltage (RST)
ISINK = 50 µA, VCC = 1.0 V,
VBAT = VCC , TA = 0°C to 85°C
0.3
V
ISINK = 100 µA, VCC = 1.2 V,
VBAT = VCC
0.3
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com