Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STM805MDS6E Datasheet(PDF) 38 Page - STMicroelectronics

Part # STM805MDS6E
Description  5 V supervisor with battery switchover
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM805MDS6E Datasheet(HTML) 38 Page - STMicroelectronics

Back Button STM805MDS6E Datasheet HTML 34Page - STMicroelectronics STM805MDS6E Datasheet HTML 35Page - STMicroelectronics STM805MDS6E Datasheet HTML 36Page - STMicroelectronics STM805MDS6E Datasheet HTML 37Page - STMicroelectronics STM805MDS6E Datasheet HTML 38Page - STMicroelectronics STM805MDS6E Datasheet HTML 39Page - STMicroelectronics STM805MDS6E Datasheet HTML 40Page - STMicroelectronics STM805MDS6E Datasheet HTML 41Page - STMicroelectronics STM805MDS6E Datasheet HTML 42Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 43 page
background image
Package mechanical data
STM690A/692A/703/704/802/805/817/818/819
38/43
Doc ID 10522 Rev 10
Figure 43.
SO8 - 8-lead plastic small outline, 150 mils body width, package
mechanical drawing
Note:
Drawing is not to scale.
SO-A
E
8
ddd
B
e
A
D
C
L
A1
1
H
A2
Table 8.
SO8 - 8-lead plastic small outline, 150 mils body width, package
mechanical data
Symbol
mm
inches
Typ
Min
Max
Typ
Min
Max
A
-
1.35
1.75
-
0.053
0.069
A1
-
0.10
0.25
-
0.004
0.010
B
-
0.33
0.51
-
0.013
0.020
C
-
0.19
0.25
-
0.007
0.010
D
-
4.80
5.00
-
0.189
0.197
ddd
-
-
0.10
-
-
0.004
E
-
3.80
4.00
-
0.150
0.157
e
1.27
-
-
0.050
-
-
H
-
5.80
6.20
-
0.228
0.244
h
-
0.25
0.50
-
0.010
0.020
L
-
0.40
0.90
-
0.016
0.035
α
-
0°
8°
-
0°
8°
N8
8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com