Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STM805RDS6F Datasheet(PDF) 10 Page - STMicroelectronics

Part # STM805RDS6F
Description  3 V supervisor with battery switchover
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM805RDS6F Datasheet(HTML) 10 Page - STMicroelectronics

Back Button STM805RDS6F Datasheet HTML 6Page - STMicroelectronics STM805RDS6F Datasheet HTML 7Page - STMicroelectronics STM805RDS6F Datasheet HTML 8Page - STMicroelectronics STM805RDS6F Datasheet HTML 9Page - STMicroelectronics STM805RDS6F Datasheet HTML 10Page - STMicroelectronics STM805RDS6F Datasheet HTML 11Page - STMicroelectronics STM805RDS6F Datasheet HTML 12Page - STMicroelectronics STM805RDS6F Datasheet HTML 13Page - STMicroelectronics STM805RDS6F Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 42 page
background image
Description
STM690, STM704, STM795, STM802, STM804, STM805, STM806
10/42
Doc ID 10519 Rev 9
1.1.9
E (chip enable input)
The input to the chip enable gating circuit. Connect to ground if unused.
1.1.10
ECON (conditional chip enable)
ECON goes low only when E is low and reset is not asserted. If ECON is low when reset is
asserted, ECON will remain low for 15 µs or until E goes high, whichever occurs first. In the
disabled mode, ECON is pulled up to VOUT.
1.1.11
VBAT (backup battery input)
When VCC falls below VSO, VOUT switches from VCC to VBAT. When VCC rises above VSO +
hysteresis, VOUT reconnects to VCC. VBAT may exceed VCC. Connect to VCC if no battery is
used.
Table 3.
Pin description
Pin
Name
Function
STM795
STM690
STM802
STM704
STM806
STM804
STM805
—
—
6
—
MR
Push-button reset input
—
6
—
6
WDI
Watchdog input
7
7
7
—
RST
Active-low reset output
—
—
—
7
RST
Active-high reset output
—
4
4
4
PFI
Power-fail input
—
5
5
5
PFO
Power-fail output (push-pull)
1
1
1
1
VOUT
Supply output for external LPSRAM
2
2
2
2
VCC
Supply voltage
3
—
—
—
Vccsw
VCC switch output (push-pull)
4
3
3
3
VSS
Ground
5
—
—
—
E
Chip enable input
6
—
—
—
ECON
Conditioned chip enable output
8
8
8
8
VBAT
Backup battery input



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com