Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STM805RDS6F Datasheet(PDF) 39 Page - STMicroelectronics

Part # STM805RDS6F
Description  3 V supervisor with battery switchover
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM805RDS6F Datasheet(HTML) 39 Page - STMicroelectronics

Back Button STM805RDS6F Datasheet HTML 34Page - STMicroelectronics STM805RDS6F Datasheet HTML 35Page - STMicroelectronics STM805RDS6F Datasheet HTML 36Page - STMicroelectronics STM805RDS6F Datasheet HTML 37Page - STMicroelectronics STM805RDS6F Datasheet HTML 38Page - STMicroelectronics STM805RDS6F Datasheet HTML 39Page - STMicroelectronics STM805RDS6F Datasheet HTML 40Page - STMicroelectronics STM805RDS6F Datasheet HTML 41Page - STMicroelectronics STM805RDS6F Datasheet HTML 42Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 39 / 42 page
background image
STM690, STM704, STM795, STM802, STM804, STM805, STM806
Part numbering
Doc ID 10519 Rev 9
39/42
7
Part numbering
For other options, or for more information on any aspect of this device, please contact the
ST sales office nearest you.
Table 10.
Ordering information scheme
Example:
STM690
T
M
6
E
Device type
STM690/704/795/802/804/805/806
Reset threshold voltage
T = STM690/704/795/805 = VRST = 3.00 V to 3.15 V
STM802/804/806 = VRST = 3.00 V to 3.12 V
S = STM690/704/795/805 = VRST = 2.85 V to 3.00 V
STM802/804/806 = VRST = 2.88 V to 3.00 V
R = STM690/704/795/805 = VRST = 2.55 V to 2.70 V
STM802/804/806 = VRST = 2.59 V to 2.70 V
Package
M = SO8
DS(1)= TSSOP8
1.
Contact local ST sales office for availability.
Temperature range
6 = –40 to 85 °C
Shipping method
E = ECOPACK® package, tubes
F = ECOPACK® package, tape and reel



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com