Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M95512-RMB3TG/AB Datasheet(PDF) 1 Page - STMicroelectronics

Part # M95512-RMB3TG/AB
Description  512 Kbit serial SPI bus EEPROM with high-speed clock
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M95512-RMB3TG/AB Datasheet(HTML) 1 Page - STMicroelectronics

  M95512-RMB3TG/AB Datasheet HTML 1Page - STMicroelectronics M95512-RMB3TG/AB Datasheet HTML 2Page - STMicroelectronics M95512-RMB3TG/AB Datasheet HTML 3Page - STMicroelectronics M95512-RMB3TG/AB Datasheet HTML 4Page - STMicroelectronics M95512-RMB3TG/AB Datasheet HTML 5Page - STMicroelectronics M95512-RMB3TG/AB Datasheet HTML 6Page - STMicroelectronics M95512-RMB3TG/AB Datasheet HTML 7Page - STMicroelectronics M95512-RMB3TG/AB Datasheet HTML 8Page - STMicroelectronics M95512-RMB3TG/AB Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 48 page
background image
September 2010
Doc ID 11124 Rev 13
1/48
1
M95512-DR
M95512-R M95512-W
512 Kbit serial SPI bus EEPROM
with high-speed clock
Features
■ Compatible with the Serial Peripheral Interface
(SPI) bus
■ Memory array
– 512 Kb (64 Kbytes) of EEPROM
– Page size: 128 bytes
■ Additional Write lockable Page (Identification
page)
■ Write
– Byte Write within 5 ms
– Page Write within 5 ms
■ Write Protect: quarter, half or whole memory
array
■ High-speed clock frequency (20 MHz)
■ Single supply voltage: 1.8 V to 5.5 V
■ More than 1 Million Write cycles
■ More than 40-year data retention
■ Enhanced ESD Protection
■ Packages
– ECOPACK2® (RoHS compliant and
Halogen-free)
SO8 (MN)
150 mils width
TSSOP8 (DW)
169 mils width
UFDFPN8 (MB)
2 × 3 mm (MLP)
WLCSP (CS)
www.st.com


Similar Part No. - M95512-RMB3TG/AB

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M95512-RMN6P STMICROELECTRONICS-M95512-RMN6P Datasheet
1Mb / 50P
512-Kbit serial SPI bus EEPROM
03-Jun-2013
M95512-RMN6TG STMICROELECTRONICS-M95512-RMN6TG Datasheet
195Kb / 31P
512Kbit Serial SPI Bus EEPROM With High Speed Clock
03-Jan-2005
M95512-RMN6TP STMICROELECTRONICS-M95512-RMN6TP Datasheet
195Kb / 31P
512Kbit Serial SPI Bus EEPROM With High Speed Clock
03-Jan-2005
More results

Similar Description - M95512-RMB3TG/AB

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
25AA512 MICROCHIP-25AA512 Datasheet
620Kb / 32P
512 Kbit SPI Bus Serial EEPROM
2007
logo
STMicroelectronics
M95128 STMICROELECTRONICS-M95128_07 Datasheet
392Kb / 44P
128 Kbit serial SPI bus EEPROM with high speed clock
04-Oct-2007
M95512-W STMICROELECTRONICS-M95512-W_07 Datasheet
351Kb / 39P
512 Kbit Serial SPI bus EEPROM with high speed clock
05-Jun-2007
M95512-W STMICROELECTRONICS-M95512-W_08 Datasheet
340Kb / 39P
512 Kbit Serial SPI bus EEPROMtm with high speed clock
03-Jul-2008
logo
Microchip Technology
25AA512 MICROCHIP-25AA512_10 Datasheet
670Kb / 36P
512 Kbit SPI Bus Serial EEPROM
2010
25LC512 MICROCHIP-25LC512_10 Datasheet
664Kb / 36P
512 Kbit SPI Bus Serial EEPROM
2010
logo
STMicroelectronics
M95320-W STMICROELECTRONICS-M95320-W Datasheet
412Kb / 48P
32-Kbit serial SPI bus EEPROM with high-speed clock
29-May-2012
logo
Microchip Technology
25A512 MICROCHIP-25A512 Datasheet
392Kb / 34P
512 Kbit SPI Bus Serial EEPROM
05/02/11
logo
STMicroelectronics
M95512-RMN6P STMICROELECTRONICS-M95512-RMN6P Datasheet
1Mb / 50P
512-Kbit serial SPI bus EEPROM
03-Jun-2013
logo
Microchip Technology
25LC512 MICROCHIP-25LC512_14 Datasheet
502Kb / 30P
512 Kbit SPI Bus Serial EEPROM
10/28/13
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com