Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M95512-RMB3TG/AB Datasheet(PDF) 42 Page - STMicroelectronics

Part # M95512-RMB3TG/AB
Description  512 Kbit serial SPI bus EEPROM with high-speed clock
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M95512-RMB3TG/AB Datasheet(HTML) 42 Page - STMicroelectronics

Back Button M95512-RMB3TG/AB Datasheet HTML 38Page - STMicroelectronics M95512-RMB3TG/AB Datasheet HTML 39Page - STMicroelectronics M95512-RMB3TG/AB Datasheet HTML 40Page - STMicroelectronics M95512-RMB3TG/AB Datasheet HTML 41Page - STMicroelectronics M95512-RMB3TG/AB Datasheet HTML 42Page - STMicroelectronics M95512-RMB3TG/AB Datasheet HTML 43Page - STMicroelectronics M95512-RMB3TG/AB Datasheet HTML 44Page - STMicroelectronics M95512-RMB3TG/AB Datasheet HTML 45Page - STMicroelectronics M95512-RMB3TG/AB Datasheet HTML 46Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 48 page
background image
Package mechanical data
M95512-W, M95512-R
42/48
Doc ID 11124 Rev 13
Figure 26.
WLCSP-R – 8-bump wafer-length chip-scale package outline
1.
Drawing is not to scale.
Table 22.
WLCSP-R – 8-bump wafer-length chip-scale package mechanical data
Symbol
millimeters
inches(1)
1.
Values in inches are converted from mm and rounded to 4 decimal digits.
Typ
Min
Max
Typ
Min
Max
A
0.580
0.490
0.670
0.0228
0.0193
0.0264
A1
0.230
0.0091
A2
0.350
0.0138
b(2)
2.
Measured at the maximum bump diameter parallel to primary datum Z.
0.322
0.0127
D
1.433
1.548
0.0564
0.0609
E
1.901
2.016
0.0748
0.0794
e
1.000
0.0394
e1
0.866
0.0341
e2
0.500
0.0197
e3
0.433
0.0170
F
0.284
0.0112
G
0.453
0.0178
N (number of terminals)
8
8
aaa
0.110
0.0043
eee
0.060
0.0024
D
E
Orientation reference
Wafer back side
Side view
Detail A
A2
A
A
B
C
D
E
Orientation reference
1
2
3
e1
e3
e2
e
F
G
Bump side
XY
aaa
Bump
Seating plane
Z
b
Detail A
rotated by 90 °C
A1
eee Z
ME_1Cc



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com