Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

D201GLY Datasheet(PDF) 48 Page - Intel Corporation

Part # D201GLY
Description  Technical Product Specification
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

D201GLY Datasheet(HTML) 48 Page - Intel Corporation

Back Button D201GLY Datasheet HTML 44Page - Intel Corporation D201GLY Datasheet HTML 45Page - Intel Corporation D201GLY Datasheet HTML 46Page - Intel Corporation D201GLY Datasheet HTML 47Page - Intel Corporation D201GLY Datasheet HTML 48Page - Intel Corporation D201GLY Datasheet HTML 49Page - Intel Corporation D201GLY Datasheet HTML 50Page - Intel Corporation D201GLY Datasheet HTML 51Page - Intel Corporation D201GLY Datasheet HTML 52Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 76 page
background image
Intel Desktop Board D201GLY Technical Product Specification
48
2.5.3
Fan Header Current Capability
CAUTION
The processor fan must be connected to the processor fan header, not to a chassis fan
header. Connecting the processor fan to a chassis fan header may result in onboard
component damage that will halt fan operation.
Table 22 lists the current capability of the fan headers.
Table 22. Fan Header Current Capability
Fan Header
Maximum Available Current
Processor fan
2 A
Rear chassis fan
1.5 A
2.5.4
Power Supply Considerations
CAUTION
The +5 V standby line for the power supply must be capable of providing adequate
+5 V standby current. Failure to do so can damage the power supply. The total
amount of standby current required depends on the wake devices supported and
manufacturing options.
System integrators should refer to the power usage values listed in Table 21 when
selecting a power supply for use with the board.
Additional power required will depend on configurations chosen by the integrator.
The power supply must comply with the following recommendations found in the
indicated sections of the ATX form factor specification.
•
The potential relation between 3.3 VDC and +5 VDC power rails
•
The current capability of the +5 VSB line
•
All timing parameters
•
All voltage tolerances



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com