Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M41T82RMY6F Datasheet(PDF) 10 Page - STMicroelectronics

Part # M41T82RMY6F
Description  Serial I2C bus RTC with battery switchover
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M41T82RMY6F Datasheet(HTML) 10 Page - STMicroelectronics

Back Button M41T82RMY6F Datasheet HTML 6Page - STMicroelectronics M41T82RMY6F Datasheet HTML 7Page - STMicroelectronics M41T82RMY6F Datasheet HTML 8Page - STMicroelectronics M41T82RMY6F Datasheet HTML 9Page - STMicroelectronics M41T82RMY6F Datasheet HTML 10Page - STMicroelectronics M41T82RMY6F Datasheet HTML 11Page - STMicroelectronics M41T82RMY6F Datasheet HTML 12Page - STMicroelectronics M41T82RMY6F Datasheet HTML 13Page - STMicroelectronics M41T82RMY6F Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 61 page
background image
Description
M41T82-M41T83
10/61
Doc ID 12578 Rev 12
Figure 6.
M41T82 block diagram
1.
VRST = VSO = 2.93 V (S), 2.63 V (R), and 2.32 V (Z).
2.
Open drain output.
Figure 7.
M41T82 hardware hookup
1.
Open drain output.
REAL TIME CLOCK
CALENDAR
ALARM1
ALARM2
WATCHDOG
OSCILLATOR FAIL
CIRCUIT
OUTPUT DRIVER
8-BIT COUNTER
FREQUENCY TEST
USER SRAM (7 Bytes)
RST
(2)
INTERNAL
POWER
SDA
SCL
VCC
COMPARE
trec
TIMER
I
2
C
INTERFACE
32KHz
OSCILLATOR
VBAT
CRYSTAL
XI
XO
VRST/VSO
(1)
AI11812
WRITE
PROTECT
VCC < VRST
FT
AI11813
VCC
Reset Input
Serial Clock Line
Serial Data Line
XO
XI
M41T82
MCU
VSS
VBAT
FT/RST
(1)
SDA
SCL
VCC
VCC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com