| Electronic Components Datasheet Search |
|
M41T82RMY6F Datasheet(PDF) 41 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
M41T82RMY6F Datasheet(HTML) 41 Page - STMicroelectronics |
|
41 / 61 page ![]() M41T82-M41T83 Clock operation Doc ID 12578 Rev 12 41/61 The oscillator must start and have run for at least 4 seconds before attempting to reset the OF bit to 0. The oscillator fail detect circuit funtions during backup mode. If a triggering event occurs to disrupt the oscillator during a power-down condition, the OF bit will be set accordingly. 3.13 Oscillator fail interrupt enable (M41T83 only) With the OFIE bit set, the OF bit will cause the IRQ1/FT/OUT output to be asserted (see Section 3.14.1 and 3.14.2 for additional conditions that apply). The IRQ1/FT/OUT output is cleared by resetting the OF bit to 0 (NOT by reading the flags register). Clearing the OFIE bit will also cause the IRQ1/FT/OUT output to de-assert, but if OFIE is subsequently set prior to clearing OF, the IRQ1/FT/OUT output will assert immediately upon setting OFIE. Clearing the OF bit is necessary to prevent such an inadvertent interrupt. If the alarm in backup enable bit, ABE, is set (along with OFIE), the oscillator fail detect will cause an interrupt in the IRQ1/FT/OUT pin during backup mode. For additional information on this, refer to Section 3.14.2. 3.14 IRQ1/FT/OUT pin, frequency test, interrupts and the OUT bit (M41T83 only) Four interrupt sources, the frequency test function, and the discrete output bit OUT all share the IRQ1/FT/OUT pin. Priority is built into the part such that some functions dominate others. Additionally, the priority depends on configuration bits such as OUT and ABE, and on whether the part is operating on VCC or is in the backup mode. This pin is an open drain output and requires an external pull-up resistor. Figure 23 shows the various signal sources and controlling bits for the IRQ1/FT/OUT output pin. Figure 23. IRQ1/FT/OUT output pin circuit TIMER TF OFIE AI1E WDOG OF Q PRE reload AF1 WDF OUT FT A1IE OFIE TIE w-dog running ABE IRQ1/OUT/FT TE Write OF to 0 to clear Read FLAGS register to clear Write watchdog register to clear IRQ1/OUT/FT LOGIC TI/TP TIE AM03013v1 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |