Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MIC2124 Datasheet(PDF) 10 Page - Micrel Semiconductor

Part # MIC2124
Description  Constant Frequency, Synchronous Current Mode Buck Controller
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC2124 Datasheet(HTML) 10 Page - Micrel Semiconductor

Back Button MIC2124 Datasheet HTML 6Page - Micrel Semiconductor MIC2124 Datasheet HTML 7Page - Micrel Semiconductor MIC2124 Datasheet HTML 8Page - Micrel Semiconductor MIC2124 Datasheet HTML 9Page - Micrel Semiconductor MIC2124 Datasheet HTML 10Page - Micrel Semiconductor MIC2124 Datasheet HTML 11Page - Micrel Semiconductor MIC2124 Datasheet HTML 12Page - Micrel Semiconductor MIC2124 Datasheet HTML 13Page - Micrel Semiconductor MIC2124 Datasheet HTML 14Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 24 page
background image
Micrel, Inc.
MIC2124
June 2010
10
M9999-060810-D
Figure 3. MIC2124 Load-Transient Response
Unlike in current-mode control, the MIC2124 uses
adaptive ON-time current mode control. The MIC2124
predetermined ON-time control loop has the advantage
of constant ON-time mode control and eliminates the
need for the slope compensation.
Soft-Start
Soft-start reduces the power supply input surge current
at startup by controlling the output voltage rise time. The
input surge appears while the output capacitor is
charged up. A slower output rise time will draw a lower
input surge current.
The MIC2124 implements an internal digital soft-start by
making the 0.8V reference voltage VREF ramp from 0 to
100% in about 4ms. Therefore, the output voltage is
controlled to increase slowly by a stair-case VREF ramp.
Once the soft-start cycle ends, the related circuitry is
disabled to reduce current consumption. VIN must be
powered up no earlier than VHSD to make the soft-start
function behavior correctly.
Current Limit
The MIC2174/MIC2174C uses the RSD(ON) of the low-
side power MOSFET to sense over-current conditions.
This method will avoid adding cost, board space and
power losses taken by a discrete current sense resistor.
The low-side MOSFET is used because it displays much
lower parasitic oscillations during switching than the
high-side MOSFET.
In each switching cycle of the MIC2124 converter, the
inductor current is sensed by monitoring the low-side
MOSFET in the OFF period. The sensed voltage VLX is
compared with a current-limit threshold voltage VCL after
a blanking time of 150ns. If the sensed voltage VLX is
under VCL, which is -127mV typical at 0.8V feedback
voltage, the MIC2124 keeps the low-side MOSFET on
until VLX > -127mV, and then goes into the ON status
with minimum ON-time. The current limit threshold VCL
has a fold back characteristic related to the FB voltage.
Please refer to the “Typical Characteristics” for the curve
of VCL vs. FB voltage. The circuit in Figure 4 illustrates
the MIC2124 current limiting circuit.
Figure 4. MIC2124 Current Limiting Circuit
Using the typical VCL value of -127mV, the current limit
value in the inductor is roughly estimated as:
DS(ON)
CL
R
127mV
I
≈
For designs where the inductor current ripple is
significant compared to the load current IOUT, or for low
duty cycle operation, calculating the load current limit
ICL(LOAD) should take into account that one is sensing the
peak inductor current.
2
ΔI
R
127mV
I
L(pp)
DS(ON)
CL(LOAD)
−
=
(2)
L
f
D)
(1
V
ΔI
SW
OUT
L(pp)
×
−
×
=
(3)
where:
VOUT = The output voltage
ΔIL(pp) = Inductor current ripple peak-to-peak value
D = Duty Cycle
fSW = Switching frequency
The MOSFET RDS(ON) varies 30% to 40% with
temperature; therefore, it is recommended to add 50%
margin to ICL(LOAD) in the above equation to avoid false
current limiting due to increased MOSFET junction
temperature rise. It is also recommended to connect LX
pin directly to the drain of the low-side MOSFET to
accurately sense the MOSFETs RDS(ON)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com