Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MIC2124 Datasheet(PDF) 20 Page - Micrel Semiconductor

Part # MIC2124
Description  Constant Frequency, Synchronous Current Mode Buck Controller
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC2124 Datasheet(HTML) 20 Page - Micrel Semiconductor

Back Button MIC2124 Datasheet HTML 16Page - Micrel Semiconductor MIC2124 Datasheet HTML 17Page - Micrel Semiconductor MIC2124 Datasheet HTML 18Page - Micrel Semiconductor MIC2124 Datasheet HTML 19Page - Micrel Semiconductor MIC2124 Datasheet HTML 20Page - Micrel Semiconductor MIC2124 Datasheet HTML 21Page - Micrel Semiconductor MIC2124 Datasheet HTML 22Page - Micrel Semiconductor MIC2124 Datasheet HTML 23Page - Micrel Semiconductor MIC2124 Datasheet HTML 24Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 20 / 24 page
background image
Micrel, Inc.
MIC2124
June 2010
20
M9999-060810-D
Bill of Materials
Item
Part Name
Manufacturer
Description
Qty
C1
B41125A7227M
EPCOS
(1)
220µF Aluminum Capacitor, SMD 35V
1
1210YD226MAT2A
AVX
(2)
GRM32ER61C226ME20L
Murata
(3)
C2
C3225XR1C226M
TDK
(4)
22µF Ceramic Capacitor, X5R, Size 1210, 16V
1
C3
EEFSX0D181R
Panasonic
(5)
180µF SP Capacitor, 9mΩ, 2V
1
06035C10KAT2A
AVX
GRM21BR71A225KA01L
Murata
C6, C9,
C13
C1608X7R1H104K
TDK
0.1µF Ceramic Capactior, X7R, Size 0603, 50V
3
0805ZC225MAT2A
AVX
GRM21BR71A225KA01L
Murata
C7, C8
C2012X7R1A225K
TDK
2.2µF Ceramic Capacitor, X7R, Size 0805, 10V
2
06035C471KAT2A
AVX
GRM188R71H471KA01D
Murata
C10
C1608X7R1H471K
TDK
470pF Ceramic Capacitor, X7R, Size 0603, 50V
1
06035C102KAT2A
AVX
GRM188R71H102KA01D
Murata
C11
C1608X7R1H102K
TDK
1nF Ceramic Capacitor, X7R, Size 0603, 50V
1
06035A180JAT2A
AVX
GRM1885C1H180JA01D
Murata
C12
C1608C0G1H180J
TDK
18pF Ceramic Capacitor, Size 0603, 50V
1
SD103BWS
MCC
D1
SD103BWS-7
DIODE INC
(6)
30V small signal Schottky diode
1
L1
DO316P-272HC
Coilcraft
2.7µH inductor, 6.6A saturation current
1
Q1
FDS6890A
Fairchild
(7)
20V, 7.5A Dual N-MOSFET, 0.018Ω Rds (on) @ 4.5V
1
R1, R5
CRCW06030000Z0EA
Vishay/Dale
(8)
0Ω resistor, size 0603, 1%
2
R2
CRCW08051R21FKEA
Vishay/Dale
1.21Ω resistor, size 0805, 1%
1
R3
CRCW060382K0FKEA
Vishay/Dale
82kΩ resistor, size 0603, 1%
1
R4
CRCW06037K15FKEA
Vishay/Dale
7.15kΩ resistor, size 0603, 1%
1
R6
CRCW06038K06FKEA
Vishay/Dale
8.06kΩ resistor, size 0603, 1%
1
R7
Open
U1
MIC2124YMM
Micrel, Inc
(9)
300kHz Buck Controller
1
U2
(10)
MIC5233-5.0YM5
Micrel, Inc
LDO
1
Notes:
1. EPCOS: www.epcos.com
2. AVX: www.avx.com
3. Murata: www.murata.com
4. TDK: www.tdk.com
5. Panasonic: www.panasonic.com
6. Diodes Inc.: www.diodes.com
7. Fairchild: www.fairchildsemi.com
8. Vishay: www.vishay.com
9. Micrel, Inc.: www.micrel.com
10. Optional: Required if 5V supply is not available in the system.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com