Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STV250N55F3 Datasheet(PDF) 6 Page - STMicroelectronics

Part # STV250N55F3
Description  N-channel 55 V, 1.5 mΩ, 250 A, PowerSO-10 STripFET??Power MOSFET
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV250N55F3 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button STV250N55F3 Datasheet HTML 2Page - STMicroelectronics STV250N55F3 Datasheet HTML 3Page - STMicroelectronics STV250N55F3 Datasheet HTML 4Page - STMicroelectronics STV250N55F3 Datasheet HTML 5Page - STMicroelectronics STV250N55F3 Datasheet HTML 6Page - STMicroelectronics STV250N55F3 Datasheet HTML 7Page - STMicroelectronics STV250N55F3 Datasheet HTML 8Page - STMicroelectronics STV250N55F3 Datasheet HTML 9Page - STMicroelectronics STV250N55F3 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
Electrical characteristics
STV250N55F3
6/12
2.1
Electrical characteristics (curves)
Figure 2.
Safe operating area
Figure 3.
Thermal impedance
Figure 4.
Output characteristics
Figure 5.
Transfer characteristics
Figure 6.
Normalized BVDSS vs temperature
Figure 7.
Static drain-source on resistance
ID
100
10
1
0.1
0.1
1
VDS(V)
10
(A)
Oper
ation
in
thi
s
are
a i
s
Limited
by
m
ax
R
D
S
(on)
100µs
1ms
10ms
Tj=175°C
Tc=25°C
Sinlge
pulse
AM03164v1
10
-5
10
-4
10
-3
10
-2
10
-1
tp(s)
10
-2
10
-1
K
0.2
0.05
0.02
0.01
0.1
Zth=k Rthj-c
δ=tp/τ
tp
τ
Single pulse
δ=0.5
280tok
ID
150
100
50
0
0
4
VDS(V)
(A)
2
6
200
250
VGS=10V
300
350
400
5V
6V
7V
AM03165v1
ID
150
100
50
0
2
VGS(V)
4
(A)
1
3
5
200
250
67
8
9
300
350
400
VDS=5V
0
AM03166v1
RDS(on)
2.0
1.5
1.0
0.5
0
200
ID(A)
(
Ω)
100
300
2.5
VGS=10V
400
3.0
AM03167v1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com