Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

W77LE532 Datasheet(PDF) 21 Page - Winbond

Part # W77LE532
Description  8-BIT MICROCONTROLLER
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

W77LE532 Datasheet(HTML) 21 Page - Winbond

Back Button W77LE532 Datasheet HTML 17Page - Winbond W77LE532 Datasheet HTML 18Page - Winbond W77LE532 Datasheet HTML 19Page - Winbond W77LE532 Datasheet HTML 20Page - Winbond W77LE532 Datasheet HTML 21Page - Winbond W77LE532 Datasheet HTML 22Page - Winbond W77LE532 Datasheet HTML 23Page - Winbond W77LE532 Datasheet HTML 24Page - Winbond W77LE532 Datasheet HTML 25Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 88 page
background image
W77LE532/W77L532A
Publication Release Date: February 1, 2007
- 21 -
Revision A7
SLAVE ADDRESS
Bit:
7
6
5
4
3
2
1
0
Mnemonic: SADDR
Address: A9h
SADDR: The SADDR should be programmed to the given or broadcast address for serial port 0 to
which the slave processor is designated.
SLAVE ADDRESS 1
Bit:
7
6
5
4
3
2
1
0
Mnemonic: SADDR1
Address: AAh
SADDR1: The SADDR1 should be programmed to the given or broadcast address for serial port 1 to
which the slave processor is designated.
ROM BANKING CONTROL
Bit:
7
6
5
4
3
2
1
0
-
-
-
-
EN128K DCP12 DCP11 DCP10
Mnemonic: ROMCON
Address: ABh
EN128K: On-chip ROM banking enable. Set this bit to enable APFLASH0 and APFLASH1 by banking
mechanism. The P1.x is selected to be the auxiliary highest address line A16.
DCP1x: A16 selection. By default, P1.7 is defined as A16.
A16
P1.0
P1.1
P1.2
P1.3
P1.4
P1.5
P1.6
P1.7
DCP12
0
0
0
0
1
1
1
1
DCP11
0
0
1
1
0
0
1
1
DCP10
0
1
0
1
0
1
0
1
ISP ADDRESS LOW BYTE
Bit:
7
6
5
4
3
2
1
0
A7
A6
A5
A4
A3
A2
A1
A0
Mnemonic: SFRAL
Address: ACh
Low byte destination address for In System Programming operations. SFRAH and SFRAL address a
specific ROM bytes for erasure, porgramming or read.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com