Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLE6240GP Datasheet(PDF) 9 Page - Infineon Technologies AG

Part # TLE6240GP
Description  Smart 16-Channel Low-Side Switch
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE6240GP Datasheet(HTML) 9 Page - Infineon Technologies AG

Back Button TLE6240GP Datasheet HTML 5Page - Infineon Technologies AG TLE6240GP Datasheet HTML 6Page - Infineon Technologies AG TLE6240GP Datasheet HTML 7Page - Infineon Technologies AG TLE6240GP Datasheet HTML 8Page - Infineon Technologies AG TLE6240GP Datasheet HTML 9Page - Infineon Technologies AG TLE6240GP Datasheet HTML 10Page - Infineon Technologies AG TLE6240GP Datasheet HTML 11Page - Infineon Technologies AG TLE6240GP Datasheet HTML 12Page - Infineon Technologies AG TLE6240GP Datasheet HTML 13Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 37 page
background image
Data Sheet
9
Rev.3.3, 2010-02-15
TLE6240GP
Smart 16-Channel Low-Side Switch
Maximum Ratings and Operating Conditions
4
Maximum Ratings and Operating Conditions
4.1
Absolute Maximum Ratings
Note: Stresses above the ones listed here may cause permanent damage to the device. Exposure to absolute
maximum rating conditions for extended periods may affect device reliability.
Note: Integrated protection functions are designed to prevent IC destruction under fault conditions described in the
data sheet. Fault conditions are considered as “outside” normal operating range. Protection functions are
not designed for continuous repetitive operation.
Absolute Maximum Ratings 1)
T
j = -40 °C to +150 °C; all voltages with respect to ground, positive current flowing into pin
(unless otherwise specified)
1) Not subject to production test, specified by design.
Pos.
Parameter
Symbol
Limit Values
Unit Conditions
Min.
Max.
Voltages
4.1.1
Supply voltage
V
S
-0.3
7
V
–
4.1.2
Continuous Drain Source Voltage
(OUT1 to OUT16)
V
DS
–45
V
–
4.1.3
Input Voltage, All Inputs and Data Lines
V
IN
-0.3
7
V
–
Currents
4.1.4
Output current per Channel
(see Chapter 5)
I
D(lim)
–
I
D(lim) min
A–
4.1.5
Output current per Channel
(All 16 Channels ON; Mounted on PCB)2)
2) Output current rating so long as maximum junction temperature is not exceeded. At
T
A = 125 °C the output current has to
be calculated using
R
thJA according mounting conditions.
I
D 1-8
–0.3
A
T
A = 25 °C
I
D 9-16
–0.5
A
T
A = 25 °C
4.1.6
Output current
(Max. total current of all channels on; Heat
Sink required)
I
Dmax
–14
A
–
ESD Susceptibility
4.1.7
Electrostatic Discharge Voltage
V
ESD
–
2000
V
HBM3)
3) Human Body Model according to EIA/JESD22-A114-E.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com