Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLE6240GP Datasheet(PDF) 14 Page - Infineon Technologies AG

Part # TLE6240GP
Description  Smart 16-Channel Low-Side Switch
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE6240GP Datasheet(HTML) 14 Page - Infineon Technologies AG

Back Button TLE6240GP Datasheet HTML 10Page - Infineon Technologies AG TLE6240GP Datasheet HTML 11Page - Infineon Technologies AG TLE6240GP Datasheet HTML 12Page - Infineon Technologies AG TLE6240GP Datasheet HTML 13Page - Infineon Technologies AG TLE6240GP Datasheet HTML 14Page - Infineon Technologies AG TLE6240GP Datasheet HTML 15Page - Infineon Technologies AG TLE6240GP Datasheet HTML 16Page - Infineon Technologies AG TLE6240GP Datasheet HTML 17Page - Infineon Technologies AG TLE6240GP Datasheet HTML 18Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 37 page
background image
TLE6240GP
Smart 16-Channel Low-Side Switch
Electrical and Functional Description of Blocks
Data Sheet
14
Rev.3.3, 2010-02-15
Figure 6
Timing
5.3.1
Typical Characteristics
Drain-Source On-Resistance
R
DS(ON) = f(Tj); VS = 5 V
Figure 7
Typical ON Resistance versus Junction-Temperature (Channel 1-8)
Figure 8
Typical ON Resistance versus Junction-Temperature (Channel 10, 11, 14, 15)
t
t
tON
tOFF
80%
VDS
VIN
20%
Typical Drain-Source ON- Resistance
0,6
0,7
0,8
0,9
1
1,1
1,2
1,3
1,4
1,5
1,6
1,7
1,8
-50
-25
0
25
50
75
100
125
150
175
Tj [°C]
Channel 1 - 8
Typical Drain-Source ON- Resistance
0,2
0,25
0,3
0,35
0,4
0,45
0,5
0,55
0,6
0,65
-50
-25
0
25
50
75
100
125
150
175
Tj [°C]
Channel 10,11,14,15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com