Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IP2005ATRPBF Datasheet(PDF) 3 Page - International Rectifier

Part # IP2005ATRPBF
Description  High Frequency Synchronous Buck Optimized LGA Power Stage
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IP2005ATRPBF Datasheet(HTML) 3 Page - International Rectifier

  IP2005ATRPBF Datasheet HTML 1Page - International Rectifier IP2005ATRPBF Datasheet HTML 2Page - International Rectifier IP2005ATRPBF Datasheet HTML 3Page - International Rectifier IP2005ATRPBF Datasheet HTML 4Page - International Rectifier IP2005ATRPBF Datasheet HTML 5Page - International Rectifier IP2005ATRPBF Datasheet HTML 6Page - International Rectifier IP2005ATRPBF Datasheet HTML 7Page - International Rectifier IP2005ATRPBF Datasheet HTML 8Page - International Rectifier IP2005ATRPBF Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
PD-60325
iP2005APbF
Electrical Specifications
These specifications apply for T
BLK = 0ºC to 125ºC and VDD = 5.0V unless otherwise specified.
PARAMETER
MIN
TYP
MAX
UNITS
CONDITIONS
P
LOSS
Power Block Losses
-
9.3
11.1
W
V
IN = 12V, VDD = 5.0V,
V
OUT = 1.3V, IOUT = 40A,
F
SW = 1MHz,
L
OUT = 0.3uH, TBLK = 25ºC
(Note 3)
V
DD
Supply Current (Stand By)
(I
Q-VDD)
-2.2
3
mA
V
DD = 5.0, ENABLE = 0V
Supply Current (Operating)
-
50
65
mA
V
IN = 12V, ENABLE = VDD = 5V,
F
SW = 1MHz, 10% DC
CV
CC (LDO Output)
Output Voltage
5.5
6.0
6.75
V
Output Current
80
-
-
mA
Output Capacitor
1.0
-
-
µF
Ceramic, X5R, 16V
Power-On Reset (POR)
V
DD Rising
3.7
4.1
4.5
V
Hysteresis
140
185
230
mV
V
DD Rising & Falling
CVCC Rising
4.2
4.6
5.0
V
Hysteresis
165
220
275
mV
CV
CC Rising & Falling
ENABLE INPUT
Logic Level Low Threshold (V
IL)-
-
0.8
V
Logic Level High Threshold
(V
IH)
2.0
-
-
V
Threshold Hysteresis
-
100
-
mV
Weak Pull-down Impedance
-
100
-
k
Ω
Rising Propagation Delay
(T
PDH)
-40
-
ns
Falling Propagation Delay
(T
PDL)
-75
-
ns
Schmitt Trigger Input
V
DD = POR to 7.0V
www.irf.com
2/8/2008
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com