Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IP2005ATRPBF Datasheet(PDF) 12 Page - International Rectifier

Part # IP2005ATRPBF
Description  High Frequency Synchronous Buck Optimized LGA Power Stage
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IP2005ATRPBF Datasheet(HTML) 12 Page - International Rectifier

Back Button IP2005ATRPBF Datasheet HTML 8Page - International Rectifier IP2005ATRPBF Datasheet HTML 9Page - International Rectifier IP2005ATRPBF Datasheet HTML 10Page - International Rectifier IP2005ATRPBF Datasheet HTML 11Page - International Rectifier IP2005ATRPBF Datasheet HTML 12Page - International Rectifier IP2005ATRPBF Datasheet HTML 13Page - International Rectifier IP2005ATRPBF Datasheet HTML 14Page - International Rectifier IP2005ATRPBF Datasheet HTML 15Page - International Rectifier IP2005ATRPBF Datasheet HTML 16Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 18 page
background image
PD-60325
iP2005APbF
Internal Block Diagram
Figure 11 Internal Block Diagram
Pin Description
Pin Number
Pin Name
Description
1, 8
V
IN
Input voltage pin. Connect input capacitors close to this pin.
2
Vsw
Voltage Switching Node – pin connection to the output inductor.
3P
GND
Power Ground
4V
DD
Supply voltage to internal circuitry.
5PWM
TTL level input to MOSFET drivers. When PWM is HIGH, the Control
FET is on and the Sync FET is off. When PWM is LOW, the Sync FET
is on and the Control FET is off.
6
ENABLE
When set to logic level high, internal circuitry of the device is enabled.
When set to logic level low, the Control and Synchronous FETs are
turned off.
7CV
CC
Output of internal regulator. Attached a minimum of 1.0µF capacitance
from this pin to PGND. Recommended to use 16V, X5R, Ceramic type
capacitor.
www.irf.com
2/8/2008
12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com