Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IPS6044GPBF Datasheet(PDF) 5 Page - International Rectifier

Part # IPS6044GPBF
Description  INTELLIGENT POWER HIGH SIDE SWITCH
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IPS6044GPBF Datasheet(HTML) 5 Page - International Rectifier

  IPS6044GPBF Datasheet HTML 1Page - International Rectifier IPS6044GPBF Datasheet HTML 2Page - International Rectifier IPS6044GPBF Datasheet HTML 3Page - International Rectifier IPS6044GPBF Datasheet HTML 4Page - International Rectifier IPS6044GPBF Datasheet HTML 5Page - International Rectifier IPS6044GPBF Datasheet HTML 6Page - International Rectifier IPS6044GPBF Datasheet HTML 7Page - International Rectifier IPS6044GPBF Datasheet HTML 8Page - International Rectifier IPS6044GPBF Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
IPS6044GPbF
Protection Characteristics
Tj=25°C, Vcc=14V (unless otherwise specified)
Symbol
Parameter
Min.
T
M
U
T
yp.
ax.
nits
est Conditions
Ilim
Internal current limit
4
7
1
A
V
0
out=0V
Tsd+
150(1)
1
Over temperature high threshold
65
⎯
Tsd-
1
°
S
Over temperature low threshold
⎯
58
⎯
C
ee fig. 2
Vsc
Short-circuit detection voltage(2)
2
3
4
UV
⎯
5
5.9
UV hyst.
0
⎯
1.6
.25
VOL Off
Open load detection threshold
3
4
V
2
I OL On
hold
0
0.
0.2
Open load detection thres
.05
15
2
A
(
uaranteed
(2) Reference
T
Tabl
ating C
OUT
DG
1) G
by design
to Vcc
rue
e
Oper
onditions
IN
Normal
H
H
H
Normal
L
L
H
Open Load
H
H
L
Open Load (3)
L
H
L
Short circuit to
L
L
Gnd
H
Short circuit to
H
Gnd
L
L
Short circuit to
L (4)
Vcc
H
H
Short circuit to
L
H
L
Vcc (5)
Over-temperat
L
L
ure
H
Over-temperat
L
H
ure
L
(
ith a pull-u
the output and
(
tha
(5) Without a pull-up resistor connected between the output and Vcc.
Lead Assignments
3) W
p resistor connected between
Vcc.
4) Vds lower
n 10mV.
1
14
SO28
1- Vcc
2- GND1
3- IN1
4- DG1
5- DG2
6- IN2
7- GND2
8- GND3
9- IN3
10- DG3
11- DG4
12- IN4
13- GND4
14- VCC
15- Vcc
16- OUT4
17- OUT4
18- OUT4
19- OUT3
20- OUT3
21- OUT3
22- OUT2
23- OUT2
24- OUT2
25- OUT1
26- OUT1
27- OUT1
28- Vcc
28
15
www.irf.com
5



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com