Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IPS6044GPBF Datasheet(PDF) 7 Page - International Rectifier

Part # IPS6044GPBF
Description  INTELLIGENT POWER HIGH SIDE SWITCH
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IPS6044GPBF Datasheet(HTML) 7 Page - International Rectifier

Back Button IPS6044GPBF Datasheet HTML 3Page - International Rectifier IPS6044GPBF Datasheet HTML 4Page - International Rectifier IPS6044GPBF Datasheet HTML 5Page - International Rectifier IPS6044GPBF Datasheet HTML 6Page - International Rectifier IPS6044GPBF Datasheet HTML 7Page - International Rectifier IPS6044GPBF Datasheet HTML 8Page - International Rectifier IPS6044GPBF Datasheet HTML 9Page - International Rectifier IPS6044GPBF Datasheet HTML 10Page - International Rectifier IPS6044GPBF Datasheet HTML 11Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
IPS6044GPbF
Vds
Ids
Vin
Vcc
Vds clamp
T clamp
See Application Notes to evaluate power dissipation
Tj
Ilim
Tsd+
Tsd-
Iout
Vin
limiting
Thermal cycling
DG
Figure 1 – Active clamp waveforms
Figure 2 – Protection timing diagram
Vout
Vin
Tr-in
90%
10%
90%
10%
Td on
Tr1
Td off
Tf
Vcc-5V
Tr2
Vcc
Figure 3 – Switching times definitions
Figure 4 – Active clamp test circuit
Vclamp
Iout
Vin
In
Vcc
Out
R
L
0V
5V
14V
+
-
Vout
Rem :
During active
clamp, Vload
is negative
Dg
Gnd
www.irf.com
7



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com