Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IR3513Z Datasheet(PDF) 21 Page - International Rectifier

Part # IR3513Z
Description  XPHASE3TM POL CONTROL IC
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR3513Z Datasheet(HTML) 21 Page - International Rectifier

Back Button IR3513Z Datasheet HTML 17Page - International Rectifier IR3513Z Datasheet HTML 18Page - International Rectifier IR3513Z Datasheet HTML 19Page - International Rectifier IR3513Z Datasheet HTML 20Page - International Rectifier IR3513Z Datasheet HTML 21Page - International Rectifier IR3513Z Datasheet HTML 22Page - International Rectifier IR3513Z Datasheet HTML 23Page - International Rectifier IR3513Z Datasheet HTML 24Page - International Rectifier IR3513Z Datasheet HTML 25Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 36 page
background image
IR3513Z
Page 21
May 11, 2009
AFTER
OVP
VREF + 85mV
OVSNS
OVP
THRESHOLD
FAULT
LATCH
OVP CONDITION
NORMAL OPERATION
IIN
(ISHARE)
VCCL-800 mV
GATEH
GATEL
ERROR
AMPLIFIER
OUTPUT
(EAOUT)
VREF
Figure 11 Over-voltage protection during normal operation
VCCL+0.7V
VCCL+0.7V
ROSC/OVP
OVSN
12V
VCCLDRV
VCCL UVLO
1.6V
VCC
1.8V
Figure 12 - Over-voltage protection during power-up



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com