Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IR3513Z Datasheet(PDF) 13 Page - International Rectifier

Part # IR3513Z
Description  XPHASE3TM POL CONTROL IC
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR3513Z Datasheet(HTML) 13 Page - International Rectifier

Back Button IR3513Z Datasheet HTML 9Page - International Rectifier IR3513Z Datasheet HTML 10Page - International Rectifier IR3513Z Datasheet HTML 11Page - International Rectifier IR3513Z Datasheet HTML 12Page - International Rectifier IR3513Z Datasheet HTML 13Page - International Rectifier IR3513Z Datasheet HTML 14Page - International Rectifier IR3513Z Datasheet HTML 15Page - International Rectifier IR3513Z Datasheet HTML 16Page - International Rectifier IR3513Z Datasheet HTML 17Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 36 page
background image
IR3513Z
Page 13
May 11, 2009
Phase IC1
PWM Latch SET
Control IC CLKOUT
(Phase IC CLKIN)
Control IC PHSOUT
(Phase IC1 PHSIN)
Phase IC 1 PHSOUT
(Phase IC2 PHSIN)
Phase IC 2 PHSOUT
(Phase IC3 PHSIN)
Phase IC 3 PHSOUT
(Phase IC4 PHSIN)
Phase IC4 PHSOUT
(Control IC PHSIN)
Figure 4 - Five Phase Oscillator Waveforms
PWM Operation
Upon receiving the falling edge of a clock pulse, the PWM latch is set; the PWM ramp voltage begins to increase; the
low side driver is turned off, and the high side driver is then turned on after the non-overlap time. When the PWM ramp
voltage exceeds the error amplifier’s output voltage the PWM latch is reset. This turns off the high side driver and then
turns on the low side driver after the non-overlap time and activates the ramp discharge clamp. The ramp discharge
clamp quickly discharges the PWM ramp capacitor to the output voltage of the share adjust amplifier in the phase IC
until the next clock pulse.
The PWM latch is reset dominant allowing all phases to go to zero duty cycle within a few tens of nanoseconds in
response to a load step decrease. Phases can overlap and go up to 100% duty cycle in response to a load step
increase with turn-on gated by the clock pulses. An error amplifier output voltage greater than the common mode input
range of the PWM comparator results in up to 100% duty cycle regardless of the voltage of the PWM ramp. This
arrangement guarantees the error amplifier is always in control and can demand 0 to 100% duty cycle as required. It
also favors response to a load step decrease, which is appropriate given the low output to input voltage ratio of most
systems. The inductor current will increase much more rapidly than decrease in response to load transients. An
additional advantage of the architecture is that differences in ground or input voltage at the phases have no effect on
operation since the PWM ramps are referenced to VREF.
Figure 5 depicts PWM operating waveforms under various conditions.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com