Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IR3831MPBF Datasheet(PDF) 23 Page - International Rectifier

Part # IR3831MPBF
Description  HIGHLY EFFICIENT INTEGRATED SYNCHRONOUS BUCK REGULATOR FOR DDR APPLICATIONS
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR3831MPBF Datasheet(HTML) 23 Page - International Rectifier

Back Button IR3831MPBF Datasheet HTML 19Page - International Rectifier IR3831MPBF Datasheet HTML 20Page - International Rectifier IR3831MPBF Datasheet HTML 21Page - International Rectifier IR3831MPBF Datasheet HTML 22Page - International Rectifier IR3831MPBF Datasheet HTML 23Page - International Rectifier IR3831MPBF Datasheet HTML 24Page - International Rectifier IR3831MPBF Datasheet HTML 25Page - International Rectifier IR3831MPBF Datasheet HTML 26Page - International Rectifier IR3831MPBF Datasheet HTML 27Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 31 page
background image
11/05/10
23
IR3831MPbF
TYPICAL OPERATING WAVEFORMS
Vin=12.0V, Vcc=5V, Vo=0.75V, Io=0- ±8A, Room Temperature, No Air Flow
Fig. 20: Output Voltage Ripple, 8A,
sourcing current, Ch
2: Vout
Fig. 18: Inductor node at 8A, sourcing
current, Ch
3:SW, Ch4:Iout
Fig. 21: Short (Hiccup) Recovery
Ch
2:Vout, Ch3:VSS , Ch4:PGood
Fig. 19: Inductor node at -3A, sinking
current, Ch
3:SW , Ch4:Iout
Fig. 17: Start up with Prebias, 0A
Load Ch
1:Vout, Ch2:VDDQ, Ch3:SS
Fig. 16: Start up at 8A, sourcing
current Ch
1:Vout, Ch2:VDDQ,
Ch
3:SS, Ch4:PGood



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com