Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRDC3870 Datasheet(PDF) 2 Page - International Rectifier

Part # IRDC3870
Description  USER GUIDE FOR IRDC3870 EVALUATION BOARD
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRDC3870 Datasheet(HTML) 2 Page - International Rectifier

  IRDC3870 Datasheet HTML 1Page - International Rectifier IRDC3870 Datasheet HTML 2Page - International Rectifier IRDC3870 Datasheet HTML 3Page - International Rectifier IRDC3870 Datasheet HTML 4Page - International Rectifier IRDC3870 Datasheet HTML 5Page - International Rectifier IRDC3870 Datasheet HTML 6Page - International Rectifier IRDC3870 Datasheet HTML 7Page - International Rectifier IRDC3870 Datasheet HTML 8Page - International Rectifier IRDC3870 Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
IRDC3870
2
A well regulated +12V input supply should be connected to VIN and PGND. A maximum 10A load should
be connected to VOUT and PGND. The connection diagram is shown in Fig. 1 and inputs and outputs of
the board are listed in Table I.
IRDC3870 has three input connectors, one for biasing (PVcc),one for biasing Vcc and the third one as input
voltage (Vin). Separate supplies should be applied to these inputs. PVcc input should be a well regulated
4.5V-5.5V supply and it would be connected to PVcc and PGND and Vcc input should be a well regulated
3.0V-3.6V supply and it would be connected to Vcc and PGND. An external signal can be provided as
Enable signal to turn on or turn off the converter. The absolute maximum voltage of Enable signal is +3.9V.
A well regulated 0-2V signal source is used in this user guide.
The evaluation board is configured for use with 2x10uF (ceramic 0805) + 1x150uF (SP) capacitors.
However, the design can be modified for an all ceramic output cap configuration by adding the inductor
DCR sensing circuit as show in the schematic on page 8.
CONNECTIONS and OPERATING INSTRUCTIONS
LAYOUT
The PCB is a 4-layer board. All layers are 2 Oz. copper. The IR3870 and other components are
mounted on the top and bottom side of the board.
Power supply decoupling capacitors, the Bootstrap capacitor and feedback components are located
close to IR3870. The feedback resistors are connected to the output voltage at the point of regulation
and are located close to IR3870. To improve efficiency, the circuit board is designed to minimize the
length of the on-board power ground current path.
Table I. Connections
Connection
Signal Name
VIN (TP53)
VIN (+12V)
PGND (TP55)
Ground of VIN
PVcc+ (TP61)
PVcc input (+5.0V)
Vcc+ (TP59)
PVcc input (+3.3V)
PGND (TP62)
Ground for PVcc input
PGND (TP60)
Ground for Vcc input
PGND (TB6)
Ground of V
out
VOUT (TB5)
V
out (+1.1V)
Enable (TP52)
Enable input



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com