Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRDC3870 Datasheet(PDF) 13 Page - International Rectifier

Part # IRDC3870
Description  USER GUIDE FOR IRDC3870 EVALUATION BOARD
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRDC3870 Datasheet(HTML) 13 Page - International Rectifier

Back Button IRDC3870 Datasheet HTML 9Page - International Rectifier IRDC3870 Datasheet HTML 10Page - International Rectifier IRDC3870 Datasheet HTML 11Page - International Rectifier IRDC3870 Datasheet HTML 12Page - International Rectifier IRDC3870 Datasheet HTML 13Page - International Rectifier IRDC3870 Datasheet HTML 14Page - International Rectifier IRDC3870 Datasheet HTML 15Page - International Rectifier IRDC3870 Datasheet HTML 16Page - International Rectifier IRDC3870 Datasheet HTML 17Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 13 / 17 page
background image
IRDC3870
13
TYPICAL OPERATING WAVEFORMS
Vin=12V, PVcc=5.0V, Vcc=3.3V, Vo=1.1V, Io=0- 10A, , Room Temperature, No Air Flow
IC: 69
°C, Inductor: 51°C, PCB: 51°C
Figure 18: Thermal Image @12Vin, 10A, Ta= 25
°C and no air flow
IC: 75
°C, Inductor: 53°C, PCB: 54°C
Figure 19: Thermal Image @19Vin, 10A, Ta= 25
°C and no air flow



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com