Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLE7209-2R Datasheet(PDF) 13 Page - Infineon Technologies AG

Part # TLE7209-2R
Description  7 A H-Bridge for DC-Motor Applications
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE7209-2R Datasheet(HTML) 13 Page - Infineon Technologies AG

Back Button TLE7209-2R Datasheet HTML 9Page - Infineon Technologies AG TLE7209-2R Datasheet HTML 10Page - Infineon Technologies AG TLE7209-2R Datasheet HTML 11Page - Infineon Technologies AG TLE7209-2R Datasheet HTML 12Page - Infineon Technologies AG TLE7209-2R Datasheet HTML 13Page - Infineon Technologies AG TLE7209-2R Datasheet HTML 14Page - Infineon Technologies AG TLE7209-2R Datasheet HTML 15Page - Infineon Technologies AG TLE7209-2R Datasheet HTML 16Page - Infineon Technologies AG TLE7209-2R Datasheet HTML 17Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 32 page
background image
TLE 7209-2R
Circuit Description
Data Sheet
13
Rev. 1.4, 2007-04-05
2.4.2.3
SPI-Communication
The 16 input bits consist of the SPI-instruction byte and a second, unused byte. The 16
output bits consist of the verification-byte and the data-byte (see also Figure 8). The
definition of these bytes is given in the subsequent sections.
Figure 8
SPI communication
2.4.2.4
SPI instruction
The uppermost 2 bit of the instruction byte contain the chip-address. The chip-address
of the TLE 7209-2R is 00. During read-access, the output data according to the register
requested in the instruction byte are applied to SDO within the same SPI frame. That
means, the output data corresponding to an instruction byte sent during one SPI frame
are transmitted to SDO during the same SPI frame.
Table 3
SPI Instruction Format
MSB
76
543
210
0
0
INSTR4
INSTR3
INSTR2
INSTR1
INSTR0
INSW
Table 4
SPI instruction Description
Bit
Name
Description
7,6
CPAD1,0
Chip Address (has to be ‘0’, ‘0’)
5-1
INSTR (4-0)
SPI instruction (encoding)
0
INSW
Even parity
0
7
65
4
3
210
7
6
5
43
2
1
SDI
SCK
CSN
SDO
SPI Instruction
not used
MSB
LSB
Verification byte
data-byte
MSB
LSB MSB
LSB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com