Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLE7209-2R Datasheet(PDF) 21 Page - Infineon Technologies AG

Part # TLE7209-2R
Description  7 A H-Bridge for DC-Motor Applications
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE7209-2R Datasheet(HTML) 21 Page - Infineon Technologies AG

Back Button TLE7209-2R Datasheet HTML 17Page - Infineon Technologies AG TLE7209-2R Datasheet HTML 18Page - Infineon Technologies AG TLE7209-2R Datasheet HTML 19Page - Infineon Technologies AG TLE7209-2R Datasheet HTML 20Page - Infineon Technologies AG TLE7209-2R Datasheet HTML 21Page - Infineon Technologies AG TLE7209-2R Datasheet HTML 22Page - Infineon Technologies AG TLE7209-2R Datasheet HTML 23Page - Infineon Technologies AG TLE7209-2R Datasheet HTML 24Page - Infineon Technologies AG TLE7209-2R Datasheet HTML 25Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 32 page
background image
TLE 7209-2R
Electrical Characteristics
Data Sheet
21
Rev. 1.4, 2007-04-05
Logic Inputs IN1, IN2, DIS, EN
3.4.3
Input “high”
VIH
2––
V
–
3.4.4
Input “low”
VIL
––1
V
–
3.4.5
Input hysteresis
VIHY
0.1–
0.6V
–
3.4.6
pull-up current
IN1, IN2, DIS
IIL
-200
-125
–
µA
U
≤ 1 V
3.4.7
pull-down current EN
IIH
–
–
100
µA
U
≥ 2 V
Power Outputs OUT1, OUT2
3.4.8
Switch on resistance
–
–
–
300
m
Ω
ROUT-UB, ROUT-GND
VS > 5 V, IOUT = 3 A
3.4.9
Switch-off current
|IL|
5.56.6
7.7A
-40
°C < Tj < TILR
1.42.5
3.6A
Tj = TSD; specified by
design
3.4.10
Switch-off time
ta
816
26
µs
Vs=13.2 V, L=2.2 mH,
R=0.23
Ω
3.4.11
Blanking time
tb
813
19
µs
Vs=13.2 V, L=2.2 mH,
R=0.23
Ω
3.4.12
Switch-off Tracking
ta/tb
1.0
–
–
–
Vs=13.2 V, L=2.2 mH,
R=0.23
Ω
3.4.13
Short circuit detection
current
|IOUK|
8–18
A
–
3.4.14
Current Tracking
|IOUK|-
|IL|
2
3.5
–
A
specified by design
3.4.15
Reactivation time after
internal shut-down
t
–
–
200
µs
Over-current- or over-
temperature shut-
down to reactivation
of the output stage
Note: Reactivation time is not subject to production test; specified by design
3.4
Electrical Characteristics (cont’d)
5V < VS < 28V; – 40 °C < Tj < 150 °C; unless otherwise specified
Pos.
Parameter
Symbol
Limit Values
Unit Test Conditions
min.
typ.
max.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com