Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SPP07N60CFD Datasheet(PDF) 3 Page - Infineon Technologies AG

Part # SPP07N60CFD
Description  CoolMOSTM Power Transistor Features Intrinsic fast-recovery body diode
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

SPP07N60CFD Datasheet(HTML) 3 Page - Infineon Technologies AG

  SPP07N60CFD Datasheet HTML 1Page - Infineon Technologies AG SPP07N60CFD Datasheet HTML 2Page - Infineon Technologies AG SPP07N60CFD Datasheet HTML 3Page - Infineon Technologies AG SPP07N60CFD Datasheet HTML 4Page - Infineon Technologies AG SPP07N60CFD Datasheet HTML 5Page - Infineon Technologies AG SPP07N60CFD Datasheet HTML 6Page - Infineon Technologies AG SPP07N60CFD Datasheet HTML 7Page - Infineon Technologies AG SPP07N60CFD Datasheet HTML 8Page - Infineon Technologies AG SPP07N60CFD Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
SPP07N60CFD
Parameter
Symbol Conditions
Unit
min.
typ.
max.
Dynamic characteristics
Input capacitance
C iss
-
790
-
pF
Output capacitance
C oss
-
260
-
Reverse transfer capacitance
C rss
-
16
-
Effective output capacitance, energy
related
4)
C o(er)
-
30
-
Effective output capacitance, time
related
5)
C o(tr)
-
55
-
Turn-on delay time
t d(on)
-
12
-
ns
Rise time
t r
-
25
-
Turn-off delay time
t d(off)
-
36
-
Fall time
t f
-
9
-
Gate Charge Characteristics
Gate to source charge
Q gs
-
6.6
-
nC
Gate to drain charge
Q gd
-
20
-
Gate charge total
Q g
-
35
47
Gate plateau voltage
V plateau
-
7.2
-
V
3) Repetitive avalanche causes additional power losses that can be calculated as P
AV=E AR*f.
4) C
o(er) is a fixed capacitance that gives the same stored energy as C oss while V DS is rising from 0 to 80% V DSS.
5) C
o(tr) is a fixed capacitance that gives the same charging time as C oss while V DS is rising from 0 to 80% V DSS.
2) Pulse width t
p limited by T j,max
Values
V GS=0 V, V DS=25 V,
f =1 MHz
V DD=400 V,
V GS=10 V, I D=6.6 A,
R G=6.8 "
V DD=480 V, I D=6.6A,
V GS=0 to 10 V
V GS=0 V, V DS=0 V
to 480 V
1) J-STD20 and JESD22
Rev. 1.4
page 3
2009-11-27



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com