Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SPP07N60CFD Datasheet(PDF) 8 Page - Infineon Technologies AG

Part # SPP07N60CFD
Description  CoolMOSTM Power Transistor Features Intrinsic fast-recovery body diode
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

SPP07N60CFD Datasheet(HTML) 8 Page - Infineon Technologies AG

Back Button SPP07N60CFD Datasheet HTML 4Page - Infineon Technologies AG SPP07N60CFD Datasheet HTML 5Page - Infineon Technologies AG SPP07N60CFD Datasheet HTML 6Page - Infineon Technologies AG SPP07N60CFD Datasheet HTML 7Page - Infineon Technologies AG SPP07N60CFD Datasheet HTML 8Page - Infineon Technologies AG SPP07N60CFD Datasheet HTML 9Page - Infineon Technologies AG SPP07N60CFD Datasheet HTML 10Page - Infineon Technologies AG SPP07N60CFD Datasheet HTML 11Page - Infineon Technologies AG SPP07N60CFD Datasheet HTML 12Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
SPP07N60CFD
13 Drain-source breakdown voltage
14 Typ. capacitances
V BR(DSS)=f(T j);
C =f(V DS); V GS=0 V; f =1 MHz
15 Typ. C oss stored energy
16 Typ. reverse recovery charge
E oss= f(V DS)
Q rr=f(T j);parameter: I D =6.6 A
540
580
620
660
700
-60
-20
20
60
100
140
180
T j [°C]
Ciss
Coss
Crss
10
4
10
3
10
2
10
1
10
0
0
100
200
300
400
500
V DS [V]
0
1
2
3
4
5
6
0
100
200
300
400
500
600
V DS [V]
0.5
0.55
0.6
0.65
0.7
25
50
75
100
125
T j [°C]
Rev. 1.4
page 8
2009-11-27



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com