Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLE6209R Datasheet(PDF) 1 Page - Infineon Technologies AG

Part # TLE6209R
Description  7 A H-Bridge for DC-Motor Applications
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE6209R Datasheet(HTML) 1 Page - Infineon Technologies AG

  TLE6209R Datasheet HTML 1Page - Infineon Technologies AG TLE6209R Datasheet HTML 2Page - Infineon Technologies AG TLE6209R Datasheet HTML 3Page - Infineon Technologies AG TLE6209R Datasheet HTML 4Page - Infineon Technologies AG TLE6209R Datasheet HTML 5Page - Infineon Technologies AG TLE6209R Datasheet HTML 6Page - Infineon Technologies AG TLE6209R Datasheet HTML 7Page - Infineon Technologies AG TLE6209R Datasheet HTML 8Page - Infineon Technologies AG TLE6209R Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 30 page
background image
PG-DSO-20-37
7 A H-Bridge for DC-Motor Applications
Data Sheet
TLE 6209 R
Data Sheet, Rev.3.1
1
2007-08-01
1Overview
1.1
Features
• Delivers up to 6 A continuous and 7 A peak current
• Optimized for DC motor management applications
•Very low
R
DS ON of typ. 150 mΩ @25 °C per switch
• Operates at supply voltages of up to 40V
• Overvoltage Protection against transients up to 45 V
• Outputs fully short circuit protected
• Standard SPI-Interface, daisy chain capability
• Adjustable chopper current regulation of up to 7 A
• Temperature monitor with prewarning, warning and shutdown
• Over- and Undervoltage-Lockout
• Open load detection
• Detailed load failure diagnosis by SPI
• Minimized power dissipation due to active free-wheeling
• Low EMI due to voltage slope regulation
• Very low current consumption (typ. 20
µA @ 25 °C) in stand-by (Inhibit) mode
• Enhanced power PG-DSO-Package
• Green Product (RoHS compliant)
• AEC Qualified
Functional Description
The TLE 6209 R is an integrated power H-Bridge with D-MOS output stages for driving
bidirectional loads such as DC-Motors. The design is based on Infineons Smart Power
Technology SPT which allows bipolar, CMOS and power D-MOS devices on the same
monolithic circuit.
Operation modes forward (cw), reverse (ccw) and brake are invoked by two control pins
PWM and DIR. Protection and a reliable diagnosis of overcurrent, openload, short-circuit
to ground, to the supply voltage or across the load are integrated. Detailed diagnostic
Type
Package
TLE 6209 R
PG-DSO-20-37


Similar Part No. - TLE6209R

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TLE6209R INFINEON-TLE6209R Datasheet
705Kb / 30P
7 A H-Bridge for DC-Motor Applications
Rev.3.2 2010-09-10
TLE6209R INFINEON-TLE6209R Datasheet
278Kb / 28P
7 A H-Bridge for DC-Motor Applications
Version 3.0 2001-10-15
TLE6209R INFINEON-TLE6209R_10 Datasheet
705Kb / 30P
7 A H-Bridge for DC-Motor Applications
Rev.3.2 2010-09-10
More results

Similar Description - TLE6209R

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TLE5206-2G INFINEON-TLE5206-2G Datasheet
198Kb / 22P
5-A H-Bridge for DC-Motor Applications
2001-06-19
TLE7209-2R INFINEON-TLE7209-2R Datasheet
335Kb / 32P
7 A H-Bridge for DC-Motor Applications
V1.0, 2004-mar-12
TLE5205-2 INFINEON-TLE5205-2 Datasheet
214Kb / 23P
5-A H-Bridge for DC-Motor Applications
2001-06-19
logo
Rohm
BD6211HFP ROHM-BD6211HFP Datasheet
266Kb / 5P
H-bridge driver for DC brush motor
logo
Infineon Technologies A...
TLE7209-2R INFINEON-TLE7209-2R_07 Datasheet
428Kb / 32P
7 A H-Bridge for DC-Motor Applications
Rev. 1.4, 2007-04-05
TLE5205-2 INFINEON-TLE5205-2_07 Datasheet
342Kb / 25P
5-A H-Bridge for DC-Motor Applications
Rev. 1.1, 2007-07-31
TLE5206-2 INFINEON-TLE5206-2_07 Datasheet
335Kb / 24P
5-A H-Bridge for DC-Motor Applications
Rev.1.1, 2007-07-31
TLE6209R INFINEON-TLE6209R_10 Datasheet
705Kb / 30P
7 A H-Bridge for DC-Motor Applications
Rev.3.2 2010-09-10
TLE7209-2R INFINEON-TLE7209-2R_10 Datasheet
385Kb / 32P
7 A H-Bridge for DC-Motor Applications
Rev. 1.5, 2010-11-05
TLE6209R INFINEON-TLE6209R Datasheet
278Kb / 28P
7 A H-Bridge for DC-Motor Applications
Version 3.0 2001-10-15
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com